Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP10N60G Datasheet (PDF) - MagnaChip Semiconductor.

MDP10N60G Datasheet PDF - MagnaChip Semiconductor.
Part # MDP10N60G
Download  MDP10N60G Download
File Size   1433.02 Kbytes
Page   8 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 10A, 0.7(ohm)

MDP10N60G Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP10N60G Datasheet PDF - MagnaChip Semiconductor.

Part # MDP10N60G
Download  MDP10N60G Click to download

File Size   1433.02 Kbytes
Page   8 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 10A, 0.7(ohm)

MDP10N60G Datasheet (HTML) - MagnaChip Semiconductor.


MDP10N60G Product details

General Description
These N-channel MOSFET are produced using advanced MagnaChip’s MOSFET Technology, which provides low on-state resistance, high switching performance and excellent quality.
These devices are suitable device for SMPS, high Speed switching and general purpose applications.

Features
□ VDS = 600V
□ VDS = 660V @ Tjmax
□ ID = 10A @ VGS = 10V
□ RDS(ON) ≤ 0.7Ω @ VGS = 10V

Applications
□ Power Supply
□ PFC
□ High Current, High Speed Switching




Similar Part No. - MDP10N60G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP10N60GTH ISC-MDP10N60GTH Datasheet
315Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDP10N60G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
600V, 10A N-Channel MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
10A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
600V,10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
600V,10A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF10N60B MGCHIP-MDF10N60B Datasheet
757Kb / 6P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
N-Channel MOSFET 600V, 10A, 0.75(ohm)
logo
Alpha & Omega Semicondu...
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
600V,10A N-Channel MOSFET
AOW10T60 AOSMD-AOW10T60 Datasheet
255Kb / 6P
600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
600V,10A N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com