Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC828AECT Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC828AECT
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC828AECT Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC828AECT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Switched Capacitor
Voltage Converters
TC828A
TC828A-1 5/1/00
ABSOLUTE MAXIMUM RATINGS*
Input Voltage (VIN to GND) ......................... +6.0V, – 0.3V
Output Voltage (OUT to GND) .................... –6.0V, + 0.3V
Current at OUT Pin .................................................. 50mA
Short-Circuit Duration – OUT to GND ................ Indefinite
Operating Temperature Range ............... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C)
5-Pin SOT-23A ............................................... 240mW
Storage Temperature (Unbiased) ......... – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = –40°C to +85°C, VIN = +5V, C1 = C2 = 10 µF, unless otherwise
noted. Typical values are at TA = +25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply Current
—
38
80
µA
V
+
Minimum Supply
RLOAD = 1 KΩ
1.8
—
—
V
Voltage
V
+
Maximum Supply
RLOAD = 1 KΩ
—
—
5.5
V
Voltage
FOSC
Oscillator Frequency
6
12
20
KHz
PEFF
Power Efficiency
RLOAD = 1 KΩ, TA = +25°C—
96
—
%
VEFF
Voltage Conversion
RLOAD = ∞
95
99.9
—
%
Efficiency
ROUT
Output Resistance
IOUT = 5 mA, TA = +25°C
—
25
50
Ω
TA = –40°C to +85°C—
—
65
PIN DESCRIPTION
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
OUT
Inverting charge pump output.
2VIN
Positive power supply input.
3C
–
1
Commutation capacitor negative terminal.
4
GND
Ground.
5C1
+
Commutation capacitor positive terminal.
NOTE: 1. Capacitor contribution is approximately 20% of the output impedance [ESR = 1 / pump frequency x capacitance)].
2. All – 40
°C to +85°C specifications above are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com