Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC828AECT Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC828AECT
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC828AECT Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC828AECT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC828AECT Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TC828A
Switched Capacitor
Voltage Converters
TC828A-1 5/1/00
DETAILED DESCRIPTION
The TC828A charge pump converter inverts the voltage
applied to the VIN pin. Conversion consists of a two-phase
operation (Figure 1). During the first phase, switches S2 and
S4 are open and S1 and S3 are closed. During this time, C1
charges to the voltage on VIN and load current is supplied
from C2. During the second phase, S2 and S4 are closed,
and S1 and S3 are open. This action connects C1 across
C2, restoring charge to C2.
APPLICATIONS INFORMATION
Output Voltage Considerations
The TC828A performs voltage conversion but does not
provide
regulation. The output voltage will droop in a linear
manner with respect to load current. The value of this
equivalent output resistance is approximately 25
Ω nominal
at +25
°C and VIN = +5V. VOUT is approximately – 5V at light
loads, and droops according to the equation below:
VDROOP = IOUT x ROUT
VOUT = – (VIN – VDROOP)
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
(1) Losses from power consumed by the internal oscil-
lator, switch drive, etc. (which vary with input volt-
age, temperature and oscillator frequency).
(2) I
2R losses due to the on-resistance of the MOSFET
switches on-board the charge pump.
(3) Charge pump capacitor losses due to effective
series resistance (ESR).
Figure 1. Ideal Switched Capacitor Charge Pump
(4) Losses that occur during charge transfer (from the
commutation capacitor to the output capacitor)
when a voltage difference between the two capaci-
tors exists.
Most of the conversion losses are due to factors (2), (3)
and (4) above. These losses are given by Equation 1.
PLOSS (2, 3, 4) = IOUT
2 x ROUT
≅ IOUT2 x
[ 1 +8RSWITCH+ 4ESRC1+ ESRC2 ]
(fOSC) C1
The 1/(fOSC)(C1) term in Equation 1 is the effective
output resistance of an ideal switched capacitor circuit
(Figures 2a, 2b).
The
losses in the circuit
due to factor (4) above
are also shown in Equation 2. The output voltage ripple is
given by Equation 3.
PLOSS (4) =
[(0.5)(C1)(VIN2– VOUT2) + (0.5)(C2)(VRIPPLE2
– 2VOUTVRIPPLE)
] x f
OSC
VRIPPLE =
IOUT
+2(IOUT)(ESRC2)
(fOSC)(C2)
Figure 2a. Ideal Switched Capacitor Model
Figure 2b. Equivalent Output Resistance
VOUT = – (VIN)
C1
C2
TC828
IN
S1
S3
S4
S2
V+
V
OUT
R
L
C1
C2
f
V+
V
OUT
R
EQUIV
R
EQUIV =
R
L
C2
f x C1
1
Equation 2.
Equation 1.
Equation 3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com