Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC173 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC173
Description  TRI - STATE-R QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC173 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54HC173 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Continued)
VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
tTHL tTLH Maximum Output
20V
25
60
75
90
ns
Rise and Fall Time
45V
7
12
15
18
ns
60V
5
10
13
15
ns
tr tf
Maximum Input Rise and
20V
1000
1000
1000
ns
Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation Capacitance
(per flop)
80
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF
COUT
Maximum Output
10
20
20
20
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC
faICC
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com