Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC173 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC173
Description  TRI - STATE-R QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC173 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC173 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5317
January 1988
MM54HC173MM74HC173
TRI-STATE
Quad D Flip-Flop
General Description
The MM54HC173MM74HC173 is a high speed TRI-STATE
QUAD D TYPE FLIP-FLOP that utilizes advanced silicon-
gate CMOS technology It possesses the low power con-
sumption and high noise immunity of standard CMOS inte-
grated circuits and can operate at speeds comparable to
the equivalent low power Schottky device The outputs are
buffered allowing this circuit to drive 15 LS-TTL loads The
large output drive capability and TRI-STATE feature make
this part ideally suited for interfacing with bus lines in a bus
oriented system
The four D TYPE FLIP-FLOPS operate synchronously from
a common clock The TRI-STATE outputs allow the device
to be used in bus organized systems The outputs are
placed in the TRI-STATE mode when either of the two out-
put disable pins are in the logic ‘‘1’’ level The input disable
allows the flip-flops to remain in their present states without
having to disrupt the clock If either of the 2 input disables
are taken to a logic ‘‘1’’ level the Q outputs are fed back to
the inputs forcing the flip flops to remain in the same state
Clearing is enabled by taking the CLEAR input to a logic ‘‘1’’
level The data outputs change state on the positive going
edge of the clock
The 54HC74HC logic family is functionally as well as pin-
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 18 ns
Y
Wide operating supply voltage range 2 – 6V
Y
TRI-STATE outputs
Y
Low input current 1 mA maximum
Y
Low quiescent supply current 80 mA maximum (74HC)
Y
High output drive current 6 mA minimum
Connection Diagram
Dual-In-Line Package
TLF5317 – 1
Top View
Order Number MM54HC173 or MM74HC173
Truth Table
Inputs
Clear
Clock
Data Enable
Data
Output
G1
G2
D
Q
HX
X
X
X
L
LL
X
X
X
Q0
L
u
HX
X
Q0
L
u
XH
X
Q0
L
u
LL
L
L
L
u
LL
H
H
When either M or N (or both) is (are) high the out-
put is disabled to the high-impedance state how-
ever sequential operation of the flip-flops is not
affected
H e high level (steady state)
L e low level (steady state)
ue low-to-high level transition
X e don’t care (any input including transitions)
QO e the level of Q before the indicated steady state input condi-
tions were established
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC107 NSC-MM54HC107 Datasheet
130Kb / 6P
MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM54HC107J NSC-MM54HC107J Datasheet
130Kb / 6P
MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM54HC11 NSC-MM54HC11 Datasheet
81Kb / 4P
Triple 3-Input AND Gate
January 1988
MM54HC112 NSC-MM54HC112 Datasheet
275Kb / 6P
Dual J-K Flip-Flop with Preset and Clear
MM54HC11J NSC-MM54HC11J Datasheet
81Kb / 4P
Triple 3-Input AND Gate
January 1988
More results

Similar Description - MM54HC173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
Octal D Flip-Flop with TRI-STATE Outputs
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
SCAN18374T NSC-SCAN18374T Datasheet
162Kb / 14P
D Flip-Flop with TRI-STATE Outputs
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
MM54C173 NSC-MM54C173 Datasheet
115Kb / 6P
TRI-STATE Quad D Flip-Flop
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com