Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33256PFS16A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS16A
Description  3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS16A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS16A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AS7C33256PFS16A
AS7C33256PFS18A
®
3/14/01; V.1.0
Alliance Semiconductor
P. 6 of 11
*“Notes” column refers to “notes” on page 10.
Key to switching waveforms
Clock access time (flow-through
mode)
tCDF
–
9
–10–10
–12
ns
Output enable LOW to data valid
tOE
–
3.5
–
3.8
–
4.0
–
5.0
ns
Clock HIGH to output Low Z
tLZC
0
–
0–
0–0
–
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5
–
1.5
–
1.5
–
1.5
–
ns
2
Output enable LOW to output Low Z
tLZOE
0
–
0–
0–0
–
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
–
3.5
–
3.8
–
4.0
–
4.5
ns
2,3,4
Clock HIGH to output High Z
tHZC
–
3.5
–
3.8
–
4.0
–
5.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0
–
0–
0–0
–
ns
Clock HIGH pulse width
tCH
2.4
–
2.5
–
2.5
–
3.5
–
ns
5
Clock LOW pulse width
tCL
2.4
–
2.5
–
2.5
–
3.5
–
ns
5
Address setup to clock HIGH
tAS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6
Data setup to clock HIGH
tDS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6
Write setup to clock HIGH
tWS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6,7
Chip select setup to clock HIGH
tCSS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6,8
Address hold from clock HIGH
tAH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Data hold from clock HIGH
tDH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Write hold from clock HIGH
tWH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6,7
Chip select hold from clock HIGH
tCSH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6,8
ADV setup to clock HIGH
tADVS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6
ADSP setup to clock HIGH
tADSPS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6
ADSC setup to clock HIGH
tADSCS
1.5
–
1.5
–
1.5
–
2.0
–
ns
6
ADV hold from clock HIGH
tADVH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
ADSP hold fromclock HIGH
tADSPH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
ADSC hold from clock HIGH
tADSCH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Parameter
Symbol
–166
–150
–133
–100
Unit
Notes*
MinMax
MinMax
MinMax
MinMax
Undefined/don’t care
Falling input
Rising input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com