Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33256PFS16A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS16A
Description  3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS16A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33256PFS16A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS16A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2001
Copyright © Alliance Semiconductor. All rights reserved.
AS7C33256PFS16A
AS7C33256PFS18A
3.3V 256K
×××× 16/18 pipeline burst synchronous SRAM
®
3/14/01; V.1.0
Alliance Semiconductor
P. 1 of 11
Features
• Organization: 262,144 words × 16 or 18 bits
• Fast clock speeds to 166 MHz in LVTTL/LVCMOS
• Fast clock to data access: 3.5/3.8/4.0/5.0 ns
•Fast OE access time: 3.5/3.8/4.0/5.0 ns
• Fully synchronous register-to-register operation
• “Flow-through” mode
• Single-cycle deselect
- Dual-cycle deselect also available (AS7C33256PFD16A/
AS7C33256PFD18A)
•Pentium®
* compatible architecture and timing
• Asynchronous output enable control
• Economical 100-pin TQFP package
• Byte write enables
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• 30 mW typical standby power in power down mode
•NTD™* pipeline architecture available
(AS7C33256NTD16A/AS7C33256NTD18A)
Selection guide
*Pentium® is a registered trademark of Intel Corporation. NTD™ is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are
the property of their respective owners.
AS7C33256PFS16A
–166
AS7C33256PFS16A
–150
AS7C33256PFS16A
–133
AS7C33256PFS16A
–100
Units
Minimum cycle time
6
6.7
7.5
10
ns
Maximum pipelined clock frequency
166
150
133
100
MHz
Maximum pipelined clock access time
3.5
3.8
4
5
ns
Maximum operating current
475
450
425
325
mA
Maximum standby current
130
110
100
90
mA
Maximum CMOS standby current (DC)
30
30
30
30
mA
Logic block diagram
Burst logic
ADV
ADSC
ADSP
CLK
LBO
CLK
CLR
CS
18
16
18
A[17:0]
18
Address
D
Q
CS
CLK
register
256K × 16/18
Memory
array
16/18
16/18
DQb
CLK
DQ
Byte Write
registers
DQa
CLK
DQ
Byte Write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
DATA [17:0]
2
CE0
CE1
CE2
BWb
BWa
OE
ZZ
OE
FT
CLK
CLK
DATA [15:0]
BWE
GWE
Pin arrangement
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb
DQb
VSSQ
VDDQ
DQb
DQb
FT
VDD
NC
VSS
DQb
DQb
VDDQ
VSSQ
DQb
DQb
DQpb/NC
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A17
NC
NC
VDDQ
VSSQ
NC
DQpa/NC
DQa
DQa
VSSQ
VDDQ
DQa
DQa
VSS
ZZ
DQa
DQa
VDDQ
VSSQ
DQa
DQa
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
VDD
TQFP 14 × 20mm
Note: pins 24, 74 are NC for ×16.


Similar Part No. - AS7C33256PFS16A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQC ALSC-AS7C33256PFS18B-133TQC Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQCN ALSC-AS7C33256PFS18B-133TQCN Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQI ALSC-AS7C33256PFS18B-133TQI Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQIN ALSC-AS7C33256PFS18B-133TQIN Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33256PFS16A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com