Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF041 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT26DF041
Description  4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF041 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT26DF041 Datasheet HTML 1Page - ATMEL Corporation AT26DF041 Datasheet HTML 2Page - ATMEL Corporation AT26DF041 Datasheet HTML 3Page - ATMEL Corporation AT26DF041 Datasheet HTML 4Page - ATMEL Corporation AT26DF041 Datasheet HTML 5Page - ATMEL Corporation AT26DF041 Datasheet HTML 6Page - ATMEL Corporation AT26DF041 Datasheet HTML 7Page - ATMEL Corporation AT26DF041 Datasheet HTML 8Page - ATMEL Corporation AT26DF041 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
3495B–DFLSH–8/05
AT26DF041
To allow for simple in-system reprogrammability, the AT26DF041 does not require high input
voltages for programming. The device operates from a single power supply, 3.0V to 3.6V or
2.7V to 3.6V, for both the program and read operations. The AT26DF041 is enabled through
the chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input
(SI), Serial Output (SO), and the Serial Clock (SCK).
All program and erase cycles are self-timed, and no separate erase cycle is required when
using the Page Program with Auto-Erase feature.
2.
Block Diagram
3.
Memory Array
To provide optimal flexibility, the memory array of the AT26DF041 is divided into three levels
of granularity comprising of sectors, blocks, and pages. The Memory Architecture Diagram
illustrates the breakdown of each level and details the number of pages per sector and block.
All program operations to the DataFlash occur either on a byte basis or on a page-by-page
basis; however, the optional erase operations can be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (256 BYTES)
BUFFER (256 BYTES)
WP
LOGIC
I/O INTERFACE
SCK
CS
VCC
GND
WP
SO
SI
STATUS
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com