Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF041 Datasheet (PDF) - ATMEL Corporation

AT26DF041 Datasheet PDF - ATMEL Corporation
Part # AT26DF041
Download  AT26DF041 Download
File Size   553.16 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R

AT26DF041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT26DF041 Datasheet PDF - ATMEL Corporation

Part # AT26DF041
Download  AT26DF041 Click to download

File Size   553.16 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R

AT26DF041 Datasheet (HTML) - ATMEL Corporation


AT26DF041 Product details

Description
The AT26DF041 is a 3.0-volt or 2.7-volt only, serial interface Flash memory ideally suited for a wide variety of program code- and data-storage applications. Its 4,194,304 bits of memory are organized as 2048 pages of 256 bytes each. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash® uses an SPI serial interface to sequentially access its data.
The DataFlash supports SPI mode 0 and mode 3. The simple serial interface facilitates hardware layout, increases system reliability, minimizes switching noise, and reduces package size and active pin count. The device is optimized for use in many commercial and industrial applications where high density, low pin count, low voltage, and low power are essential. To allow for simple in-system reprogrammability, the AT26DF041 does not require high input voltages for programming. The device operates from a single power supply, 3.0V to 3.6V or 2.7V to 3.6V, for both the program and read operations. The AT26DF041 is enabled through the chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).

Features
• Single 3.0V - 3.6V or 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 33 MHz Max Clock Frequency
• Byte Program Operation
• Page Program Operation
   – 2048 Pages (256 Bytes/Page) Main Memory
   – Single Cycle Reprogram Capability (Page Erase and Program)
• Supports Optional Page and Block (2 KB or 4 KB) Erase Operations
• Continuous Read Capability through Entire Array
   – Ideal for Code Shadowing Applications
• Hardware Data Protection Feature for the Top 64 KB of Memory
• Low Power Dissipation
   – 4 mA Active Read Current Typical
   – 2 µA CMOS Standby Current Typical
• 5.0V-tolerant Inputs: SI, SCK, CS, and WP Pins
• 100,000 Program/Erase Cycles Typical
• Data Retention – 20 years




Similar Part No. - AT26DF041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
661Kb / 40P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
661Kb / 40P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Similar Description - AT26DF041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004 Datasheet
605Kb / 37P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com