Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CS512T-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # 24CS512T-I/MS
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512T-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  24CS512T-I/MS Datasheet HTML 1Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 2Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 3Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 4Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 5Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 6Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 7Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 8Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 1
24CS512
Features
• 512-Kbit EEPROM:
- Internally organized as one 65,536 x 8-bit block
- Byte or page writes up to 128 bytes
- Byte or sequential reads within a block
- Self-timed write cycle (5 ms maximum)
• High-Speed I2C Interface:
- High-Speed mode support for 3.4 MHz
- Industry standard: 1 MHz, 400 kHz and
100 kHz
- Output slope control to eliminate ground
bounce
- Schmitt Trigger inputs for noise suppression
• Security Register:
- Preprogrammed 128-bit serial number
- User-programmable, lockable
128-byte ID page
• Built-in Error Correction Code (ECC) Logic:
- ECC Status bit via the Configuration register
•I2C Manufacturer Identification Function Support
• Versatile Data Protection Options:
- Hardware Write-Protect (WP) pin for full array
data protection
- Enhanced software write protection via the
Configuration register
• Operating Voltage Range of 1.7V to 5.5V
• Low-Power CMOS Technology:
- Write current: 3.0 mA maximum at 5.5V
- Read current: 1.0 mA maximum at 5.5V,
1MHz
- Standby current: 1 µA at 5.5V (I-Temp.)
• High Reliability:
- More than one million erase/write cycles
- Build-in ECC logic for increased reliability
- Data retention: >200 years
- ESD protection: >4000V
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
Packages
• 8-Lead MSOP, PDIP, SOIC, SOIJ, TSSOP,
8-Pad UDFN, 5-Lead SOT-23 and 8-Ball CSP
Package Types (not to scale)
Pin Function Table
Name
Function
A0
Device Address Input
A1
Device Address Input
A2
Device Address Input
VSS
Ground
SDA
Serial Data Pin
SCL
Serial Clock Input
WP
Write-Protect Pin
VCC
Supply Voltage
8-Pad UDFN
A0
A1
VSS
WP
SDA
VCC
8
7
5
1
2
4
A2 3
SCL
6
(Top View)
5-lead SOT-23
(Top View)
8-Lead MSOP/PDIP/SOIC/
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
VCC
8-Ball CSP
(Top View)
1
2
3
4
5 WP
SCL
VSS
SDA
SOIJ/TSSOP
(Top View)
VCC
V
VCC
WP
A0
SCL
A1
SDA
A2
VSS
512-Kbit, 3.4 MHz I2C Serial EEPROM with 128-Bit Serial Number
and Enhanced Software Write Protection


Similar Part No. - 24CS512T-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24CSM01 MICROCHIP-24CSM01 Datasheet
1Mb / 63P
1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
Revision B 11/2023
24CSM01-E/P MICROCHIP-24CSM01-E/P Datasheet
1Mb / 63P
1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
Revision B 11/2023
24CSM01-E/SM MICROCHIP-24CSM01-E/SM Datasheet
1Mb / 63P
1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
Revision B 11/2023
24CSM01-E/SN MICROCHIP-24CSM01-E/SN Datasheet
1Mb / 63P
1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
Revision B 11/2023
24CSM01-I/P MICROCHIP-24CSM01-I/P Datasheet
1Mb / 63P
1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
Revision B 11/2023
More results

Similar Description - 24CS512T-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
logo
Microchip Technology
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
25CSM04 MICROCHIP-25CSM04 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com