Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CS512-E/P Datasheet(PDF) 18 Page - Microchip Technology

Part # 24CS512-E/P
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512-E/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button 24CS512-E/P Datasheet HTML 14Page - Microchip Technology 24CS512-E/P Datasheet HTML 15Page - Microchip Technology 24CS512-E/P Datasheet HTML 16Page - Microchip Technology 24CS512-E/P Datasheet HTML 17Page - Microchip Technology 24CS512-E/P Datasheet HTML 18Page - Microchip Technology 24CS512-E/P Datasheet HTML 19Page - Microchip Technology 24CS512-E/P Datasheet HTML 20Page - Microchip Technology 24CS512-E/P Datasheet HTML 21Page - Microchip Technology 24CS512-E/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
24CS512
DS20005769C-page 18
 2018-2021 Microchip Technology Inc.
6.5
Acknowledge Polling
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write opera-
tion has been issued from the host, the device initiates
the internally timed write cycle. ACK polling can be
initiated immediately. This involves the host sending a
Start condition, followed by the device address byte for a
write operation (R/W = 0). If the device is still busy with
the write cycle, then a NACK will be returned. If a NACK
is returned, then the Start condition and device address
byte must be resent. If the cycle is complete, then the
device will return the ACK and the host can then proceed
with the next read or write operation. See Figure 6-4 for
flow diagram.
FIGURE 6-4:
ACKNOWLEDGE
POLLING FLOW
6.6
Write Protection
The 24CS512 can be set in two different Write Protec-
tion modes. The selection between the two modes is
controlled by the Configuration register EWPM bit.
When this bit is a logic ‘0’, the device is set in Legacy
Hardware Write Protection mode and when the bit is a
logic ‘1’, the device is set for Enhanced Software Write
Protection mode.
6.6.1
LEGACY HARDWARE WRITE
PROTECTION MODE
When the EWPM bit is set to logic ‘0’, the 24CS512
utilizes a legacy hardware data protection scheme that
allows the user to write-protect the entire memory
contents when the WP pin is asserted (high). No write
protection will be set if the WP pin is deasserted (low).
6.6.1.1
Write-Protect Pin Timing
The status of the WP pin is sampled at the Stop condi-
tion for every byte write or page write operation, prior to
the start of an internally self-timed write operation (see
Figure 1-1). Changing the WP pin state after the Stop
condition has been sent will not alter or interrupt the
execution of the write cycle.
If an attempt is made to write to the device while the
WP pin has been asserted, the device will acknowl-
edge the device address, word address and data bytes,
but no write cycle will occur when the Stop condition is
issued and the device will immediately be ready to
accept a new read or write operation.
Note:
Polling, while operating in High-Speed
mode, is not supported on the 24CS512.
Therefore, polling must occur while using
Fast mode plus (1 MHz) or slower clock
frequencies.
Send
Write Operation
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Device Address Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes
Note:
Writing to the Security register can be
inhibited by asserting the Write-Protect
pin regardless of the state of the EWPM
bit. Writing to the Configuration register
cannot be inhibited by asserting the
Write-Protect pin.
TABLE 6-1:
LEGACY HARDWARE WRITE
PROTECTION BEHAVIOR
WP Pin
Protected Address Range
1 (high)
Full Array (0000h-FFFFh)
0 (low)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com