Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CS512-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24CS512-E/P
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24CS512-E/P Datasheet HTML 7Page - Microchip Technology 24CS512-E/P Datasheet HTML 8Page - Microchip Technology 24CS512-E/P Datasheet HTML 9Page - Microchip Technology 24CS512-E/P Datasheet HTML 10Page - Microchip Technology 24CS512-E/P Datasheet HTML 11Page - Microchip Technology 24CS512-E/P Datasheet HTML 12Page - Microchip Technology 24CS512-E/P Datasheet HTML 13Page - Microchip Technology 24CS512-E/P Datasheet HTML 14Page - Microchip Technology 24CS512-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 11
24CS512
3.3.1
VALID DEVICE ADDRESS BYTE
INPUTS
The 24CS512 will respond to two different device type
identifiers, as well as two reserved host codes as
shown in Table 3-2.
3.3.1.1
Read/Write Select Bit
The eighth bit (bit 0) of the device address byte is the
Read/Write Select (R/W) bit. A read operation is initi-
ated if this bit is a logic ‘1’ and a write operation is initi-
ated if this bit is a logic ‘0’.
Upon the successful comparison of the device address
byte, the 24CS512 will respond. If a valid comparison
is not made, the device will not respond and will return
to a standby state.
TABLE 3-2:
TABLE OF VALID DEVICE ADDRESS BYTES
Access Region
Device Address
Byte Type
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
512-Kbit EEPROM(1)
Device Type Identifier +
Hardware Address
10
10
A2
A1
A0
R/W
Security Register(1,2)
10
11
A2
A1
A0
R/W
Configuration Register(1,2)
10
11
A2
A1
A0
R/W
Manufacturer Identification(3)
Reserved Host Code
11
111
00
R/W
High-Speed (HS) Mode(4)
00
001
XX
X
Note 1: The hardware client address bits must be set to logic ‘0’ when using the SOT-23 package.
2: Accessing the Security or Configuration register is only possible if any sequence or command to the main
EEPROM (if one has been sent) has been properly terminated with a Stop condition. Without proper termi-
nation of the previous sequence, all communications with the Security or Configuration registers will not
execute successfully.
3: See Section 11.0 “Manufacturer Identification Register” for details.
4: See Section 8.0 “High-Speed Mode” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com