Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007IDA Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007IDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007IDA Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS1007IDA Datasheet HTML 21Page - Texas Instruments THS1007IDA Datasheet HTML 22Page - Texas Instruments THS1007IDA Datasheet HTML 23Page - Texas Instruments THS1007IDA Datasheet HTML 24Page - Texas Instruments THS1007IDA Datasheet HTML 25Page - Texas Instruments THS1007IDA Datasheet HTML 26Page - Texas Instruments THS1007IDA Datasheet HTML 27Page - Texas Instruments THS1007IDA Datasheet HTML 28Page - Texas Instruments THS1007IDA Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
25
TIMING AND SIGNAL DESCRIPTION OF THE THS1007
The reading from the THS1007 and writing to the THS1007 is performed by using the chip select inputs (CS0,
CS1), the write input WR and the read input RD. The write input is configurable to a combined read/write input
(R/W). This is desired in cases where the connected processor consists of a combined read/write output signal
(R/W). The two chip select inputs can be used to interface easily to a processor.
Reading from the THS1007 takes place by an internal RDint signal, which is generated from the logical
combination of the external signals CS0, CS1 and RD (see Figure 33). This signal is then used to strobe the
words and to enable the output buffers. The last external signal (either CS0, CS1 or RD) to become valid makes
RDint active while the write input (WR) is inactive. The first of those external signals switching to its inactive state
deactivates RDint again.
Writing to the THS1007 takes place by an internal WRint signal, which is generated from the logical combination
of the external signals CS0, CS1 and WR. This signal strobes the control words into the control registers 0 and
1. The last external signal (either CS0, CS1 or WR) to become valid switches WRint active while the read input
(RD) is inactive. The first of those external signals going to its inactive state deactivates WRint again.
RD
WR
Control/Data
Registers
CS0
CS1
RD
WR
Data Bits
Figure 33. Logical Combination of CS0, CS1, RD, and WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com