Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007IDA Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007IDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007IDA Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS1007IDA Datasheet HTML 22Page - Texas Instruments THS1007IDA Datasheet HTML 23Page - Texas Instruments THS1007IDA Datasheet HTML 24Page - Texas Instruments THS1007IDA Datasheet HTML 25Page - Texas Instruments THS1007IDA Datasheet HTML 26Page - Texas Instruments THS1007IDA Datasheet HTML 27Page - Texas Instruments THS1007IDA Datasheet HTML 28Page - Texas Instruments THS1007IDA Datasheet HTML 29Page - Texas Instruments THS1007IDA Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
26
Read Timing (using RD, RD-controlled)
Figure 34 shows the read-timing behavior when the WR(R/W) input is programmed as a write-input only. The input
RD acts as the read-input in this configuration. This timing is called RD-controlled because RD is the last external
signal of CS0, CS1, and RD which becomes valid.
90%
90%
90%
10%
tw(RD)
tsu(CS)
th(CS)
ta
th
td(CSDAV)
CS0
CS1
WR
RD
D(0–9)
DATA_AV
10%
Figure 34. Read Timing Diagram Using RD (RD-controlled)
Read Timing Parameter (RD-controlled)
PARAMETER
MIN
TYP
MAX
UNIT
tsu(CS)
Setup time, RD low to last CS valid
0
ns
ta
Access time, last CS valid to data valid
0
10
ns
td(CSDAV) Delay time, last CS valid to DATA_AV inactive
12
ns
th
Hold time, first CS invalid to data invalid
0
5
ns
th(CS)
Hold time, RD change to first CS invalid
5
ns
tw(RD)
Pulse duration, RD active
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com