Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPLM700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCPLM700
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCPLM700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCPLM700 Datasheet HTML 1Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 2Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 3Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 4Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 5Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 6Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 7Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component’s
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
Small Outline, 5 Lead, Low
Input Current, High Gain
Optocouplers
Technical Data
HCPL-M700
HCPL-M701
Description
These small outline, low input
current, high gain optocouplers
are single channel devices in a
five lead miniature footprint.
They are electrically equivalent
to the following HP
optocouplers:
Features
• Surface Mountable
• Very Small, Low Profile
JEDEC Registered
Package Outline
• Compatible with Infrared
Vapor Phase Reflow and
Wave Soldering Processes
• High Current Transfer
Ratio - 2000%
• Low Input Current
Capability - 0.5 mA
• TTL Compatible Output -
VOL = 0.1 V
• Guaranteed ac and dc
Performance Over
Temperature: 0
°C to 70°C
• High Output Current -
60 mA
• Recognized under the
Component Program of
U.L. (File No. E55361) for
Dielectric Withstand Proof
Test Voltage of 2500 Vac, 1
Minute
The SO-5 JEDEC registered
(MO-155) package outline does
not require “through holes” in a
PCB. This package occupies
approximately one-fourth the
footprint area of the standard
dual-in-line package. The lead
profile is designed to be com-
patible with standard surface
mount processes.
These high gain series opto-
couplers use a Light Emitting
Diode and an integrated high
gain photodetector to provide
extremely high current transfer
ratio between input and output.
Separate pins for the photodiode
and output stage results in TTL
compatible saturation voltages
and high speed operation.
Where desired the VCC and VO
terminals may be tied together
to achieve conventional photo-
darlington operation.
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M700
6N138
HCPL-0700
HCPL-M701
6N139
HCPL-0701


Similar Part No. - HCPLM700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0000E AVAGO-HCPL-0000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0060E AVAGO-HCPL-0060E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0201 HP-HCPL-0201 Datasheet
204Kb / 11P
Low Input Current Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCPLM700

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M700 HP-HCPL-M700 Datasheet
88Kb / 8P
Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M700 AVAGO-HCPL-M700 Datasheet
420Kb / 9P
Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com