Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SD10
Description  Single Loop Controller Series BARGRAPH INDICATING ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SD10 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SD10 Datasheet HTML 1Page - M-System Co.,Ltd. SD10 Datasheet HTML 2Page - M-System Co.,Ltd. SD10 Datasheet HTML 3Page - M-System Co.,Ltd. SD10 Datasheet HTML 4Page - M-System Co.,Ltd. SD10 Datasheet HTML 5Page - M-System Co.,Ltd. SD10 Datasheet HTML 6Page - M-System Co.,Ltd. SD10 Datasheet HTML 7Page - M-System Co.,Ltd. SD10 Datasheet HTML 8Page - M-System Co.,Ltd. SD10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: SD10
http://www.m-system.co.jp/
SD10 SPECIFICATIONS
ES-6341 Rev.3 Page 1/9
Single Loop Controller Series
BARGRAPH INDICATING ALARM
(with 4-digit digital meter, LED bar indicator)
Functions & Features
• Panel designed to match the SC series controllers.
• Displays a process variable in graphic bargraph of 101
LED segments
• 3 input channels
• Clear 4-digit digital meter
• Provides max. 4 alarm contact outputs
• LED brightness adjustments
• IP55 front cover
• Multi-color indicator (red, orange and green)
• Scale plate is easily replaceable
Typical Applications
• Panel operation for small-scale instrumentation
• Various alarm applications
144 (5.67)
72 (2.83)
274 (10.79)
mm (inch)
MODEL: SD10-[1][2][3][4][5][6][7][8][9]-[10]
ORDERING INFORMATION
• Code number: SD10-[1][2][3][4][5][6][7][8][9]-[10]
Specify a code from below for each [1] through [10].
(e.g. SD10-RYGAA0A6Y-M2)
• Use Ordering Information Sheet (No. ESU-6341) for the I/O
codes, digital display range, decimal point position and
alarm setpoint.
• Bargraph range (Refer to 'SCALE PLATE')
[1] BAR LED COLOR (INPUT 1)
R: Red
Y: Amber
G: Green
B: Blue
1: Multi-color (red, orange and green), (See ‘External View.’)
[2] BAR LED COLOR (INPUT 2)
Same color availability as Input 1
[3] BAR LED COLOR (INPUT 3)
Same color availability as Input 1
[4] INPUT 1
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[5] INPUT 2
Same range availability as Input 1
[6] INPUT 3
Same range availability as Input 1
[7] DC OUTPUT 1
Y: Without
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
6: 1 – 5 V DC (Load resistance 10 kΩ min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[8] DC OUTPUT 2
Same range availability as DC Output 1
[9] DC OUTPUT 3
Same range availability as DC Output 1
[10] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
SPARE PARTS
• Scale plate


Similar Part No. - SD10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
Discrete Diodes
logo
DAESAN ELECTRONIC CORP.
SD10 DAESAN-SD10 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SD10-100 ETC1-SD10-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD10-100-R COOPER-SD10-100-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD10-100-R COOPER-SD10-100-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70P00000Z LITTELFUSE-70P00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
M-System Co.,Ltd.
48DV MSYSTEM-48DV Datasheet
95Kb / 6P
BARGRAPH INDICATING ALARM
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
Single Loop Controller Series
SML MSYSTEM-SML Datasheet
362Kb / 17P
Single Loop Controller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com