Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SD10
Description  Single Loop Controller Series BARGRAPH INDICATING ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SD10 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SD10 Datasheet HTML 1Page - M-System Co.,Ltd. SD10 Datasheet HTML 2Page - M-System Co.,Ltd. SD10 Datasheet HTML 3Page - M-System Co.,Ltd. SD10 Datasheet HTML 4Page - M-System Co.,Ltd. SD10 Datasheet HTML 5Page - M-System Co.,Ltd. SD10 Datasheet HTML 6Page - M-System Co.,Ltd. SD10 Datasheet HTML 7Page - M-System Co.,Ltd. SD10 Datasheet HTML 8Page - M-System Co.,Ltd. SD10 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: SD10
http://www.m-system.co.jp/
SD10 SPECIFICATIONS
ES-6341 Rev.3 Page 2/9
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP55; applicable to the front panel for
single unit mounted according to the specified panel cutout
Connection: M3.5 screw terminals (torque 1.0 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray), steel
Setting: (Front button)
• Scaled range
• Alarm setpoint
• LED brightness
• Moving average
• DC output fine adjustment
• Others
(Refer to the instruction manual for details)
Isolation: Input 1 to input 2 to input 3 to supply output to DC
output 1 to DC output 2 to DC output 3 to alarm output 1 to
alarm output 2 to alarm output 3 to power to FG
Display zero adjustment (bargraph): -19 to +19 %
DC output zero adjustment: -19 to +19 %
Display span adjustment (bargraph): 81 to 119 %
DC output span adjustment: 81 to 119 %
Scale plate: Flame resistant resin (white scale & characters
on black base)
H & L alarm output delay: 0 sec. (factory setting;
fieldselectable between 0 and 15 sec. by 1 sec. increments)
Setpoint adjustment
HH
[H setpoint] to 100 %
H
[L setpoint] to [HH setpoint]
L
[LL setpoint] to [H setpoint]
LL 0 % to [L setpoint]
Alarm deadband (hysteresis): 1 %
■ BARGRAPH
3 Bar-LEDs indicate scaled Input 1, 2 and 3 from 0 to 100 %.
LED: 101 segments, 100 mm (3.94") height, 3.0 mm (.12")
width
Display range: 0 to 100
Number of digits: Max. 4 digits (including decimal point and
negative sign)
Divisions: 22 – 100
Engineering unit: max. 6 characters
Bargraph display scale plate
•Detachable structure
•White characters on black base
■ DIGITAL DISPLAYS
With the Input indication selector (IND) display Input 1, 2
and 3 scaling values.
LED: Red; 4 digits; 10 mm (0.39") height, 24 mm (0.94")
width
Scaled range: -1999 to 0 to 9999
(Min. 3 significant digits)
Minimum scale value: 100 (3 digits, the decimal point
position disregarded)
Overrange: The indicator blinks when the input is out of the
range from -15 to +115 %.
The indicator shows '----' when the value after scaling is out
of the range.
Decimal point position: 10–1, 10–2, 10–3 or none
Zero indication: Higher-digit zeros are suppressed
■ LED BRIGHTNESS ADJUSTMENTS
3 levels of brightness available for the bargraph and the
digital indicator. (except alarm and mode setting status
LED)
Read rate: 5/s
Moving average sample number: 4 (factory setting; field
selectable among 1, 2, 4, 8 or 16)
SUPPLY OUTPUT
Output voltage:
24 V DC ±10 % with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
∙Shortcircuit protection
Current limited: Approx. 30 mA
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
M-system selects input resistance from the following values
Max. signal (DC current at input 100 %) range: Input
resistance value
39 mA or more, not more than 50 mA: 5.1 Ω
20 mA or more, less than 39 mA: 10 Ω
16 mA or more, less than 20 mA: 12 Ω
10 mA or more, less than 16 mA: 20 Ω
5 mA or more, less than 10 mA: 39 Ω
1 mA or more, less than 5 mA: 200 Ω
Minimum span: 1 mA
Offset: Max. 1.5 times span
■ DC Voltage: -10 – +10 V DC
Input resistance: ≥ 1 MΩ
Minimum span: 0.1 V
Offset: Max. 1.5 times span
OUTPUT SPECIFICATIONS
■ DC Voltage
Choose output range from below.
0 – 1 V DC (Load resistance 2000 Ω min.)
0 – 10 V DC (Load resistance 20 kΩ min.)
0 – 5 V DC (Load resistance 10 kΩ min.)
-10 – +10 V DC (Load resistance 20 kΩ min.)
-5 – +5 V DC (Load resistance 10 kΩ min.)
For details, refer to the Ordering Information Sheet.
■ Alarm Output: Relay contact



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com