Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV/A3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TPV/A3
Description  Super-mini Two-wire Signal Conditioners T-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TPV/A3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TPV/A3 Datasheet HTML 1Page - M-System Co.,Ltd. TPV/A3 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: TPV
TPV SPECIFICATIONS
ES-3320 Rev.11 Page 1/2
http://www.m-system.co.jp/
Super-mini Two-wire Signal Conditioners T-UNIT
P/I TRANSDUCER
Functions & Features
• Converting a standard pneumatic signal into a
proportional 4 – 20 mA DC output
• Monitor terminals
• High-density mounting
25 (.98)
75
(2.95)
60
(2.36)
mm (inch)
MODEL: TPV[1]
ORDERING INFORMATION
• Code number: TPV[1]
Specify a code from below for [1].
(e.g. TPV/A2S/P7)
[1] OPTIONS (multiple selections)
Input
blank: 0.2 – 1.0 kgf/cm2
/A1S: 19.6 – 98.1 kPa
/A2S: 20 – 100 kPa
/A3S: 20.7 – 103.4 kPa
/A2: 0.2 – 1.0 bar
/A3: 3 – 15 psig
Pneumatic Connection
blank: Rc 1/4"
/P7: 1/4" NPT fitting
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection
Output: Euro type terminal
(applicable wire size: 0.25 to 1.5 mm2, stripped length
7 mm)
Pneumatic: Rc 1/4" or 1/4" NPT female
(torque ≤ 12 N·m)
Grounding: M4 screw terminal (torque: 1.2 N·m)
Screw terminal
• Grounding: Nickel-plated brass
Housing material: Diecast aluminum
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ Input
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar
20.7 – 103.4 kPa, 3 – 15 psig
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
15
20
25
28
0
200
400
600
800
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 28 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Permissible overrange: 196 kPa (2.0 kgf/cm2, 1.96 bar, 28
psig)


Similar Part No. - TPV/A3

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TPV RUBYCON-TPV Datasheet
210Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
Transko Electronics, In...
TPV TRANSKO-TPV Datasheet
374Kb / 1P
PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
Rev. 1: Jul. 2014
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-W1 TOPPOWER-TPV-W1 Datasheet
814Kb / 3P
0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV/A3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
B5MS MSYSTEM-B5MS Datasheet
105Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS MSYSTEM-B5RS Datasheet
109Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5SN MSYSTEM-B5SN Datasheet
98Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5TS MSYSTEM-B5TS Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5VS MSYSTEM-B5VS Datasheet
110Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
TSN MSYSTEM-TSN Datasheet
95Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TVS MSYSTEM-TVS Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com