Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE863 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 9Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 10Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 11Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 12Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 13Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 14Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 15Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 16Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 13 of 69
3.2.1.3 Battery Source Power Supply Design Guidelines
• The desired nominal output for the power supply is 3.8V and the maximum voltage allowed
is 4.2V, hence a single 3.7V Li-Ion cell battery type is suited for supplying the power to the
Telit GE863-QUAD module.
The three cells Ni/Cd or Ni/MH 3,6 V Nom. battery types or 4V PB types MUST NOT BE
USED DIRECTLY since their maximum voltage can rise over the absolute maximum
voltage for the GE863-QUAD and damage it.
NOTE: DON'T USE any Ni-Cd, Ni-MH, and Pb battery types directly connected with GE863-QUAD.
Their use can lead to overvoltage on the GE863-QUAD and damage it. USE ONLY Li-Ion battery
types.
• A Bypass low ESR capacitor of adequate capacity must be provided in order to cut the
current absorption peaks, a 100μF tantalum capacitor is usually suited.
• Make sure the low ESR capacitor (usually a tantalum one) is rated at least 10V.
• A protection diode should be inserted close to the power input, in order to save the GE863-
QUAD from power polarity inversion. Otherwise the battery connector should be done in a
way to avoid polarity inversions when connecting the battery.
• The battery capacity must be at least 500mAh in order to withstand the current peaks of 2A;
the suggested capacity is from 500mAh to 1000mAh.
3.2.1.4 Battery Charge control Circuitry Design Guidelines
The charging process for Li-Ion Batteries can be divided into 4 phases:
• Qualification and trickle charging
• Fast charge 1 - constant current
• Final charge - constant voltage or pulsed charging
• Maintenance charge
The qualification process consists in a battery voltage measure, indicating roughly its charge
status. If the battery is deeply discharged, that means its voltage is lower than the trickle
charging threshold, then the charge must start slowly possibly with a current limited pre-
charging process where the current is kept very low with respect to the fast charge value: the
trickle charging.
During the trickle charging the voltage across the battery terminals rises; when it reaches the fast
charge threshold level the charging process goes into fast charge phase.
During the fast charge phase the process proceeds with a current limited charging; this current
limit depends on the required time for the complete charge and from the battery pack capacity.
During this phase the voltage across the battery terminals still raises but at a lower rate.
Once the battery voltage reaches its maximum voltage then the process goes into its third state:
Final charging. The voltage measure to change the process status into final charge is very



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com