Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE863 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 17Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 18Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 19Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 20Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 21Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 22Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 23Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 24Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 21 of 69
The signals of the GE863-QUAD serial port are:
RS232
Pin
Number
Signal
GE863-
QUAD Pad
Number
Name
Usage
1
DCD -
dcd_uart
42
Data Carrier Detect
Output from the GE863-QUAD that
indicates the carrier presence
2
RXD -
tx_uart
38
Transmit line *see Note
Output transmit line of GE863-QUAD
UART
3
TXD -
rx_uart
37
Receive line *see Note Input receive of the GE863-QUAD UART
4
DTR -
dtr_uart
39
Data Terminal Ready
Input to the GE863-QUAD that controls
the DTE READY condition
5
GND
8-17-28-36-
45-48-50-56
Ground
ground
6
DSR -
dsr_uart
43
Data Set Ready
Output from the GE863-QUAD that
indicates the module is ready
7
RTS -
rts_uart
40
Request to Send
Input to the GE863-QUAD that controls
the Hardware flow control
8
CTS -
cts_uart
41
Clear to Send
Output from the GE863-QUAD that
controls the Hardware flow control
9
RI -
ri_uart
44
Ring Indicator
Output from the GE863-QUAD that
indicates the incoming call condition
NOTE: According to V.24, RX/TX signal names are referred to the application side, therefore on the
GE863-QUAD side these signal are on the opposite direction: TXD on the application side will be
connected to the receive line (here named TXD/ rx_uart ) of the GE863-QUAD serial port and
viceversa for RX.
TIP: For a minimum implementation, only the TXD and RXD lines can be connected, the other lines
can be left open provided a software flow control is implemented.
The signals in the UART connector on the EVK are:
DCD
RXD
TXD
DTR
GND
DSR
RTS
CTS
RI
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com