Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P601-01SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # P601-01SC
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P601-01SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  P601-01SC Datasheet HTML 1Page - PhaseLink Corporation P601-01SC Datasheet HTML 2Page - PhaseLink Corporation P601-01SC Datasheet HTML 3Page - PhaseLink Corporation P601-01SC Datasheet HTML 4Page - PhaseLink Corporation P601-01SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL601-01
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Frequency
Fundamental parallel resonance
10
27
MHz
Output Frequency
At 3.3V
160
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
@ 50% VDD
45
50
55
%
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
For XIN pin
(VDD/2)
+ 1
VDD/2
V
Input Low Voltage
VIL
For XIN pin
VDD/2
(VDD/2)
− 1
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±50
mA
Input Capacitance
CIN
OE, Select Pins
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com