Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P601-01SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P601-01SC
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P601-01SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P601-01SC Datasheet HTML 1Page - PhaseLink Corporation P601-01SC Datasheet HTML 2Page - PhaseLink Corporation P601-01SC Datasheet HTML 3Page - PhaseLink Corporation P601-01SC Datasheet HTML 4Page - PhaseLink Corporation P601-01SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL601-01
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Low phase noise XO
• Input from crystal or clock at 10-27MHz.
• Integrated crystal load capacitor: no external
load capacitor required.
• Output clocks up to 160MHz.
• Low phase noise (-125dBc/Hz @ 1kHz).
• Output Enable function.
• Low jitter (RMS): 7.2ps (period), 11.2ps (accum.)
• Advanced low power sub-micron CMOS process.
• 3.3V operation.
• Available in 16-Pin SOIC or TSSOP.
DESCRIPTION
The PLL601-01 is a low cost, high performance and
low phase noise clock synthesizer. Using Phase-
Link’s proprietary analog and digital Phase Locked
Loop techniques, this IC can produce up to a
160MHz output.
PIN CONFIGURATION
Note: ^ denotes internal pull up.
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
CLK
9
10
11
12
13
14
15
16
REFEN
VDD
VDD
VDD
XOUT
S1^
XIN
GND
GND
GND
REFOUT
OE^
S0^
S3^
S2^
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
ROM Based
Multipliers
VCO
Divider
XTAL
OSC
CLK
REFOUT
OE
REFEN
S3
S2
S1
S0
XIN
XOUT


Similar Part No. - P601-01SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P601-02OC PLL-P601-02OC Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
P601-02SC PLL-P601-02SC Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results

Similar Description - P601-01SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
PhaseLink Corporation
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com