Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-00DI Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL602-00DI
Description  Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-00DI Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL602-00DI Datasheet HTML 1Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 2Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 3Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 4Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 5Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 6Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/03/04 Page 2
FREQUENCY SELECTION TABLE
SEL3
(Pad #28)
SEL2
(Pad #29)
SEL1
(Pad #19)
SEL0
(Pad #20)
Selected Multiplier
1
0
1
1
Fin x 4
1
1
1
0
Fin x 2
1
1
1
1
No multiplication (no PLL)
All pads have internal pull-ups (default value is 1). Bond to GND to set to 0.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL/LVDS/CMOS
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit Current
±50
mA
NAME
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Parallel Resonant mode
Fund. Or 3rd Overtone
N/A
Load capacitance (capacitance on
built-in on die seen by crystal)
CL
Die only, no bond wire,
no package
3.2
pF
Inter-electrode capacitance
C0
2
pF
Oscillation Frequency
Fund. Or 3rd Overtone
100
200
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com