Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-00DI Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL602-00DI
Description  Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-00DI Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL602-00DI Datasheet HTML 1Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 2Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 3Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 4Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 5Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 6Page - PhaseLink Corporation PLL602-00DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/03/04 Page 6
PAD ASSIGNMENT
Pad #
Name
X (µ
µµµm)
Y (µ
µµµm)
Description
1
GND
248
109
Ground.
2
GND
361
109
Ground.
3
GND
473
109
Ground.
4
GND
587
109
Ground.
5
GND
702
109
Ground.
6
N/C
874
109
No Connection.
7
GND
1042
109
Ground.
8
GNDBUF
1171
109
Ground, Buffer circuitry.
9
OE_SELECT
1400
125
Used to select between PECL or CMOS logic states
for OE. See Output Selection and Enable table on
page 1. Internal pull up.
10
LVDS
1400
259
LVDS output.
11
PECL
1400
476
PECL output.
12
VDDBUF
1400
616
3.3V power supply, Buffer circuitry.
13
VDDBUF
1400
716
3.3V power supply, Buffer circuitry.
14
PECLB
1400
871
Complementary PECL output.
15
LVDSB
1400
1089
Complementary LVDS output.
16
CMOS
1400
1227
CMOS output
17
GNDBUF
1389
1365
Ground, Buffer Circuitry.
18
OUTSEL1
1232
1365
Used to select CMOS, PECL or LVDS output type.
See Output Selection and Enable table on page 1.
Internal pull up.
19
SEL1
1042
1365
Used to select multiplication factor. See Frequency
Selection table on page 1. Internal pull up.
20
SEL0
854
1365
Used to select multiplication factor. See Frequency
Selection table on page 1. Internal pull up.
21
VDD
659
1365
3.3V power supply.
22
VDD
559
1365
3.3V power supply.
23
VDD
459
1365
3.3V power supply.
24
VDD
358
1365
3.3V power supply.
25
OUTSEL0
194
1365
Used to select CMOS, PECL or LVDS output type.
See Output Selection and Enable table on page 1.
Internal pull up.
26
XIN
109
1223
Crystal input. See crystal specification page 2.
27
XOUT
109
1017
Crystal output. See crystal specification page 2.
28
SEL3
109
858
Used to select multiplication factor. See Frequency
Selection table on page 1. Internal pull up.
29
SEL2
109
646
Used to select multiplication factor. See Frequency
Selection table on page 1. Internal pull up.
30
OE_CTRL
109
397
Used to enable/disable the output(s). See Output
Selection and Enable table on page 1.
31
NC
109
181
No Connection.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com