Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM58 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # FSM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSM58 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  FSM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
FSM58
4
Input for selection of counting direction (V/R)
The counting direction for the absolute value rotary encoder as seen looking on the shaft is defined as right rotating (cw) rising or descending. The counting
direction can be reversed with the V/R input. If the input is not used, the counting direction is defined as rising (standard), the level is at "1". Pulse duration
T > 10 ms.
Input level: "1" or unused = rising code value with direction of rotation cw.
Input level: "0" = descending code value for direction of rotation cw.
Input for temporary storage (LATCH)
With LATCH input "active", the position data on the parallel interface are "frozen". This makes it possible to accept position data without errors (especially
for binary position data), since any change in the data during the read procedure is prevented. If this input is unused, its value is "0". Pulse duration T > 100
µs.
Input level: "1" = position data saved and stable at the output.
Input level: "0" or unused = position data free running at the output.
Input zero setting (PRESET)
By means of the PRESET input, the absolute value rotary encoder can be adjusted electronically to position value 0. Pulse duration T > 10 ms.
Input level: "0" or unused = inactive.
Input level: "1" = Data output word is set to 0.
Inputs
Input for temporary storage (LATCH)
IN
Logic
Pull down
Input for selection of counting direction (V/R)
IN
Logic
Pull up
Filter
Filter
⊥
⊥
Input level: "0" 0 V ... 2 V
,
Ue
Ue
"1" 10 V ... 30 V,
Ie < 6 mA
Input zero setting (PRESET)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com