Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM58 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FSM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSM58 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FSM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FSM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
FSM58
2
Dimensions
Electrical connection
Signal
Cable Ø9 mm, 30-core
Connector 9426, 26-pin
Explanation
GND (rotary encoder)
White
1
Power supply
U
b (rotary encoder)
Brown
2
Power supply
Bit 1
Green
3
Data output
Bit 2
Yellow
4
Data output
Bit 3
Grey
5
Data output
Bit 4
Pink
6
Data output
Bit 5
Blue
7
Data output
Bit 6
Red
8
Data output
Bit 7
Black
9
Data output
Bit 8
Violet
10
Data output
Bit 9
Grey/Pink
11
Data output
Bit 10
Red/Blue
12
Data output
Bit 11
White/Green
13
Data output
Bit 12
Brown/Green
14
Data output
Bit 13
White/Yellow
15
Data output
Bit 14
Yellow/Brown
16
Data output
Bit 15
White/Grey
17
Data output
Bit 16
Grey/Brown
18
Data output
Bit 17
White/Pink
19
Data output
Bit 18
Pink/Brown
20
Data output
Bit 19
White/Blue
21
Data output
Bit 20
Brown/Blue
22
Data output
Bit 21
White/Red
23
Data output
Recessed hollow shaft
max. insertion depth = 30
min. insertion depth = 15
Connector 9426, axial
* D = shaft diameter, according to type code
** Aluminium: d = 59, stainless steel: d = 61
3.3
1.3
3.2
72
ø63
80
~28
Recessed hollow shaft
max. insertion
depth = 30
min. insertion
depth = 15
* D = shaft diameter according to type code
Cable gland
PG9, axial
Cable gland
PG9, radial
** Aluminium: d = 59, stainless steel: d = 61
3.3
1.3
3.2
72
ø63
80
~28
~18
ø7
R100
30
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com