Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABLE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # CABLE
Description  Compatible with Other 1-Wire Devices Purchased Separately
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CABLE Datasheet(HTML) 6 Page - Maxim Integrated Products

  CABLE Datasheet HTML 1Page - Maxim Integrated Products CABLE Datasheet HTML 2Page - Maxim Integrated Products CABLE Datasheet HTML 3Page - Maxim Integrated Products CABLE Datasheet HTML 4Page - Maxim Integrated Products CABLE Datasheet HTML 5Page - Maxim Integrated Products CABLE Datasheet HTML 6Page - Maxim Integrated Products CABLE Datasheet HTML 7Page - Maxim Integrated Products CABLE Datasheet HTML 8Page - Maxim Integrated Products CABLE Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Maxim Integrated │ 6
www.maximintegrated.com
Evaluates: DS2401, DS2406, DS2411,
DS2413, DS2431, DS24B33, DS28E07
DS9090EVKIT
Evaluation System
DS9090EVKIT Operation
In order to start communicating with the part, it is neces-
sary to have the DS9490R# adapter connected and have
a part placed into the DS9120P+ socket.
● Select the 1-Wire device to evaluate and insert it into
the appropriate socket, ensuring it is properly orient-
ed. Jumper the appropriate enable pins for the TSOC
socket. See the DS9090EVKIT Setup section for help.
● Run the
OneWireViewer. If any difficulty is en-
countered, see the Troubleshooting Guide section.
Another helpful resource is
Application Note 3358:
OneWireViewer User’s Guide.
The
OneWireViewer presents a Device List window
located on the left-hand side of the main screen. It dis-
plays a list of the different 1-Wire devices found con-
nected to the DS9490R#. The 1-Wire device type inserted
into the socket or header of the evaluation board should
be shown in the
Device List window, along with the 64-bit
ROM ID lasered into the device. Figure 8 shows the
DS1972 in the Device List window, along with its 64-bit
ROM ID value of
DC000002A0BC322D.
● From the
Device List window, select the part by
clicking on it.
● Once the 1-Wire device has been selected, the right-
hand side of the main
OneWireViewer screen is
populated with different tabs. There are at least three
tabs for each device contained in the DS9090EVKIT:
Description, Memory, and File. A fourth tab labeled
Switch is also available on those parts containing
switches.
● Clicking on the
Memory tab brings up the Memory
Viewer. The user has the choice of reading/writing any
of the memory banks listed in the Banks section of the
Memory Viewer. When done editing the raw page (en-
tering in a hexadecimal number for each byte), press
Commit Changes to write to the memory.
● Click the
Commit Changes button to write the
changes to the device memory.
● Clicking
Refresh rereads the contents of the 1-Wire
memory.
● The
File tab allows writing files to the device’s
memory. To do this, the user needs to first
Format
the Device, then Create/Read/Write/Delete files
and directories.
● The
Switch tab allows reading and toggling of the
PIO pin states and clearing of activity latches. Refer
to
Application Note 3358 for further instructions on
how to use the many features of the OneWireViewer.
Detailed Description of Hardware
RJ11 Pin Assignment
Table 1 shows the pin assignment at RJ11 on the
DS9120P+ socket board and the DS9490R# USB-to-
1-Wire/iButton adapter.
Table 1. 1-Wire RJ11 Pinout
PIN
NUMBER
SIGNAL
NAME
DESCRIPTION
1
3.3V
Used only for DS2411
2
GND
Not used for this EV kit
3
1W
1-Wire Data
4
GND
1-Wire Ground Reference
5
PULSE
Not used for this EV kit
6
(Reserved)
Not used for this EV kit
SYMPTOM
POSSIBLE CAUSE
CORRECTIVE ACTION
Operating system prompt
giving installation error.
The 1-Wire adapter’s
device driver did not get
installed properly.
Refer to Application Note 1740: White Paper 6: 1-Wire Drivers
Installation Guide for Windows, specifically the “Appendix A: 1-Wire
USB Adapter (DS9490) Installation Help” section.
Cannot communicate
through 1-Wire adapter.
The PC port hardware is
not functioning properly.
Does the port work with other applications, such as a keyboard or
mouse? If not, contact the motherboard vendor for BIOS updates or
new drivers.
The 1-Wire adapter is not
functioning.
Try the 1-Wire adapter on another PC. If the problem persists, use a
different 1-Wire adapter or order a new adapter of this type.
The adapter type selected
is not what is connected.
Run the
Default 1-Wire Net application and select the correct adapter
type and/or port number.
Software finds 1-Wire
adapter, but does not read
a 1-Wire device.
Possible broken wire in
the RJ11 cable or the USB
connector of the DS9490R.
Check the cable for broken wires.
Troubleshooting Guide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com