Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABLE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # CABLE
Description  Compatible with Other 1-Wire Devices Purchased Separately
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CABLE Datasheet(HTML) 1 Page - Maxim Integrated Products

  CABLE Datasheet HTML 1Page - Maxim Integrated Products CABLE Datasheet HTML 2Page - Maxim Integrated Products CABLE Datasheet HTML 3Page - Maxim Integrated Products CABLE Datasheet HTML 4Page - Maxim Integrated Products CABLE Datasheet HTML 5Page - Maxim Integrated Products CABLE Datasheet HTML 6Page - Maxim Integrated Products CABLE Datasheet HTML 7Page - Maxim Integrated Products CABLE Datasheet HTML 8Page - Maxim Integrated Products CABLE Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Evaluates: DS2401, DS2406, DS2411,
DS2413, DS2431, DS24B33, DS28E07
DS9090EVKIT
Evaluation System
General Description
The DS9090EVKIT evaluation system (EV system) con-
sists of a DS9490+ USB-to-1-Wire®/iButton® adapter for
PC connectivity, a DS9120P+ socket board with RJ11
cable, and seven different 1-Wire devices. This EV sys-
tem provides the special hardware and software system
to exercise the features of 1-Wire devices with memory or
PIO/switches, except 1-Wire EPROM devices. (EPROM
devices such as the DS2502 and DS2506 require a dif-
ferent adapter (DS9481R-3C7) to perform an EPROM
write. This adapter can be purchased separately.) 1-Wire
EPROM devices are available for sampling.
The EV system software consists of the OneWireViewer
(a Java® program) that runs under Windows® OS and
comes as part of the 1-Wire drivers installation package.
Benefits and Features
● Easy Setup with USB Adapter
● Fully Compliant with USB 2.0 Specification
● Software Runs on Windows 8, Windows 7, Windows
Vista®, and Windows XP® OS (32-Bit and 64-Bit
Versions)
● Convenient On-Board Test Points and Dual TO92
Socket
● Standard RJ11 Connector Interfaces to DS9120
Socket Boards
● Free Download of 1-Wire Drivers and OneWireViewer
Demonstration Software
● Compatible with Other 1-Wire Devices Purchased
Separately
19-7527; Rev 1; 4/16
Ordering Information appears at end of data sheet.
1-Wire and iButton are registered trademarks of Maxim
Integrated Products, Inc.
Java is a registered trademark of Oracle Corp.
Windows, Windows Vista, and Windows XP are registered
trademarks and registered service marks of Microsoft Corp.
QTY
PART
DESCRIPTION
1
DS9120P+
Socket board (Dual TSOC and
TO92)
1
DS9490R#
1-Wire USB adapter with RJ11
3
DS2401P+
64-bit silicon serial number
(3 TO92)
3
DS2406P+
1-Wire, dual-addressable switch
plus 1Kb EPROM memory
QTY
PART
DESCRIPTION
3
DS2411P+
Silicon serial number with VCC input
3
DS2413P+
1-Wire dual-channel addressable
switch
3
DS2431P+
1024-bit 1-Wire EEPROM
3
DS24B33+
1-Wire 4Kb EEPROM
3
DS28E07P+
1024-bit 1-Wire EEPROM
1
Cable
RJ11 male to RJ11 male cable
EV System Contents


Similar Part No. - CABLE

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
CABLE-RS232 RFSOLUTIONS-CABLE-RS232 Datasheet
900Kb / 10P
LOW COST GSM MODEM
logo
Analog Devices
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
CABLE-SMBUS-5PINZ AD-CABLE-SMBUS-5PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
logo
GradConn, Ltd.
CABLE184RF GRADCONN-CABLE184RF Datasheet
147Kb / 1P
HIROSE UFL SMA STRAIGHT BULKHEAD JACK WITH O-RING RATED TO IP67/68 MULTIPLE CABLE SIZES
More results

Similar Description - CABLE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
Pin Compatible with LM111 Series Devices
logo
IK Semicon Co., Ltd
IN82C55 IKSEMICON-IN82C55 Datasheet
422Kb / 22P
Compatible with all Intel and Most Other Microprocessors
logo
Vincotech
V23990-P718-G-PM VINCOTECH-V23990-P718-G-PM Datasheet
3Mb / 17P
Compatible with flow 90PACK 1
V23990-P719-G-PM VINCOTECH-V23990-P719-G-PM Datasheet
2Mb / 14P
Compatible with flow 90PACK 1
logo
Maxim Integrated Produc...
DS9120 MAXIM-DS9120 Datasheet
1Mb / 8P
Socket Boards for Evaluating 1-Wire Devices
Rev 0; 6/11
DS9481R MAXIM-DS9481R Datasheet
1Mb / 9P
DS9481R USB-to-1-Wire/iButton Adapter Evaluates: 1-Wire Slave and iButton Devices
Rev 0; 10/10
logo
Shenzhen Huazhimei Semi...
HM5927 HMSEMI-HM5927 Datasheet
1Mb / 17P
Other battery powered devices
HM5927A HMSEMI-HM5927A Datasheet
1Mb / 19P
Other battery powered devices
logo
Hammond Manufacturing L...
1590BX HAMMOND-1590BX Datasheet
234Kb / 1P
Purchased assembly includes box
logo
Maxim Integrated Produc...
DS9122P-GP8 MAXIM-DS9122P-GP8 Datasheet
4Mb / 29P
Multi-Device Programmer for 1-Wire and I2C Devices
Rev 1; 5/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com