Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SMEVB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # TGA4548-SMEVB
Description  17 ??20 GHz 10 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA4548-SMEVB Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button TGA4548-SMEVB Datasheet HTML 3Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 4Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 5Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 6Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 7Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 8Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 9Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 10Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. E, May 27, 2020
7 of 17
www.qorvo.com
®
Performance Plots
– Power Detector
Test conditions unless otherwise noted: CW, VD1 = VD2 = VD3 = 28V, ID1 + ID2 + ID3 = 300mA, adjusting VG1 = VG2 = VG3, PIN = +22dBm,
TBASE = +25 °C, Z0 = 50 Ω
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Power Detector vs. Pout vs. Frequency
17 GHz
17.7 GHz
18.5 GHz
19.7 GHz
20 GHz
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Power Detector vs. Pout vs. T
BASE
+25C
-40C
+85C
Frequency = 19.7 GHz
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Detector Diode vs. Pout vs. Frequency
17 GHz
17.7 GHz
18.5 GHz
19.7 GHz
20 GHz
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Detector Diode vs. Pout vs. T
BASE
+25C
-40C
+85C
Frequency = 19.7 GHz
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Reference Diode vs. Pout vs. Frequency
17 GHz
17.7 GHz
18.5 GHz
19.7 GHz
20 GHz
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
22
24
26
28
30
32
34
36
38
40
42
44
Pout (dBm)
Reference Diode vs. Pout vs. T
BASE
+25C
-40C
+85C
Frequency = 19.7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com