Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SMEVB Datasheet(PDF) 10 Page - Qorvo, Inc

Part # TGA4548-SMEVB
Description  17 ??20 GHz 10 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA4548-SMEVB Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button TGA4548-SMEVB Datasheet HTML 6Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 7Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 8Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 9Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 10Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 11Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 12Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 13Page - Qorvo, Inc TGA4548-SMEVB Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. E, May 27, 2020
10 of 17
www.qorvo.com
®
Test conditions unless otherwise noted: CW, VD = 28 V, VD1 = VD2 = VD3 = 28V, ID1 + ID2 + ID3 = 300mA, TBASE
 = +85 °C
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1)
TBASE = 85 °C, VD = 28 V, IDQ = 300 mA, Freq = 20 GHz,
PDISS = 8.4 W
2.38
ºC/W
Channel Temperature, TCH (Under RF) (2)
105
°C
Thermal Resistance (θJC) (1)
TBASE = 85 °C, VD = 28 V, IDQ = 300 mA, Freq = 20 GHz,
ID_DRIVE
≈ 1.45 A, PIN = 22 dBm, POUT ≈ 40 dBm,
PDISS = 31 W
2.42
ºC/W
Channel Temperature, TCH (Under RF) (2)
160
°C
Notes:
1.
Thermal resistance determined to the back of package TBASE
2.
Channel temperature indicated is an IR scan equivalent temperature. Thermal resistance is calculated using this value.
Additional information can be found in the Qorvo Applications Note “GaN Device TCHMAX Theta-JC and Reliability
Estimat
es,” located here https://www.qorvo.com/products/d/da006480
100
120
140
160
180
200
2.0
2.1
2.2
2.3
2.4
2.5
10
15
20
25
30
35
40
PDISS (W)
RJC and TCH vs. Power Dissipated
Rjc
Tch
TBASE = 85 °C
10
12
14
16
18
20
22
24
26
28
30
15
16
17
18
19
20
21
22
Frequency (GHz)
Power Dissipated vs. Frequency vs. Pin
Pin = 18 dBm
Pin = 16 dBm
Pin = 14 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com