Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25005 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 8Page - National Semiconductor (TI) LM25005 Datasheet HTML 9Page - National Semiconductor (TI) LM25005 Datasheet HTML 10Page - National Semiconductor (TI) LM25005 Datasheet HTML 11Page - National Semiconductor (TI) LM25005 Datasheet HTML 12Page - National Semiconductor (TI) LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Oscillator and Sync Capability (Continued)
Error Amplifier and PWM
Comparator
The internal high gain error amplifier generates an error
signal proportional to the difference between the regulated
output voltage and an internal precision reference (1.225V).
The output of the error amplifier is connected to the COMP
pin allowing the user to provide loop compensation compo-
nents, generally a type II network, as illustrated in Figure 1.
This network creates a pole at DC, a zero and a noise
reducing high frequency pole. The PWM comparator com-
pares the emulated current sense signal from the RAMP
generator to the error amplifier output voltage at the COMP
pin.
RAMP Generator
The ramp signal used in the pulse width modulator for cur-
rent mode control is typically derived directly from the buck
switch current. This switch current corresponds to the posi-
tive slope portion of the output inductor current. Using this
signal for the PWM ramp simplifies the control loop transfer
function to a single pole response and provides inherent
input voltage feed-forward compensation. The disadvantage
of using the buck switch current signal for PWM control is the
large leading edge spike due to circuit parasitics that must
be filtered or blanked. Also, the current measurement may
introduce significant propagation delays. The filtering, blank-
ing time and propagation delay limit the minimum achievable
pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, control-
ling small pulsewidths and duty cycles is necessary for regu-
lation. The LM25005 utilizes a unique ramp generator, which
does not actually measure the buck switch current but rather
reconstructs the signal. Reconstructing or emulating the in-
ductor current provides a ramp signal to the PWM compara-
tor that is free of leading edge spikes and measurement or
filtering delays. The current reconstruction is comprised of
two elements; a sample & hold DC level and an emulated
current ramp.
20170007
FIGURE 5. Simplified Oscillator Block Diagram and SYNC I/O Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com