Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25005 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 9Page - National Semiconductor (TI) LM25005 Datasheet HTML 10Page - National Semiconductor (TI) LM25005 Datasheet HTML 11Page - National Semiconductor (TI) LM25005 Datasheet HTML 12Page - National Semiconductor (TI) LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) LM25005 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RAMP Generator (Continued)
The Sample and Hold DC level illustrated in Figure 6. is
derived from a measurement of the re-circulating Schottky
diode anode current. The re-circulating diode anode should
be connected to the IS pin. The diode current flows through
an internal current sense resistor between the IS and PGND
pins. The voltage level across the sense resistor is sampled
and held just prior to the onset of the next conduction interval
of the buck switch. The diode current sensing and sample &
hold provide the dc level of the reconstructed current signal.
The positive slope inductor current ramp is emulated by an
external capacitor connected from the RAMP pin to AGND
and an internal voltage controlled current source. The ramp
current source that emulates the inductor current is a func-
tion of the Vin and Vout voltages per the following equation:
I
RAMP = (5µ x (Vin – Vout)) + 25µA
Proper selection of the RAMP capacitor depends upon the
selected value of the output inductor. The value of C
RAMP
can be selected from: C
RAMP =L x10
-5, where L is the value
of the output inductor in Henrys. With this value, the scale
factor of the emulated current ramp will be approximately
equal to the scale factor of the dc level sample and hold ( 0.5
V / A). The C
RAMP capacitor should be located very close to
the device and connected directly to the pins of the IC
(RAMP and AGND).
For duty cycles greater than 50 percent, current mode con-
trol circuits are subject to sub-harmonic oscillation. Adding a
fixed slope voltage ramp signal (slope compensation) to the
current sense signal prevents this oscillation. The 25µA of
offset current provided from the emulated current source
adds some fixed slope to the ramp signal. In some very high
duty cycle applications, additional slope may be required. In
these applications, the ramp capacitor value can be de-
creased to increase the ramp slope compensation.
20170008
FIGURE 6. Composition of Current Sense Signal
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com