Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSISASX28 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LSISASX28
Description  28-Port 3Gb/s Serial Attached SCSI Expander
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LSISASX28 Datasheet(HTML) 2 Page - LSI Computer Systems

  LSISASX28 Datasheet HTML 1Page - LSI Computer Systems LSISASX28 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Support
Tel: 800 633 4545
LSI Logic Corporation
North American Headquarters
Milpitas, CA
Tel: 866 574 5741 (within U.S)
408 954 3108 (outside U.S.)
LSI Logic Europe Ltd.
European Headquarters
United Kingdom
Tel: 44 1344 413200
LSI Logic KK Headquarters
Tokyo, Japan
Tel: 81 3 5463 7165
ISO 9001 Certified
LSI Logic, the LSI Logic logo design and Gflx are
trademarks or registered trademarks of LSI Logic
Corporation. ARM is a registered trademark of
ARM Limited, used under license. All other
brand and product names may be trademarks of
their respective companies.
LSI Logic Corporation reserves the right to make
changes to any products and services herein at
any time without notice. LSI Logic does not assume
any responsibility or liability arising out of the
application or use of any product or service
described herein, except as expressly agreed to in
writing by LSI Logic; nor does the purchase, lease,
or use of a product or service from LSI Logic con-
vey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual
property rights of LSI Logic or of third parties.
Warranty
For more than 15 years, LSI Logic host adapters have
been providing high-performance SCSI solutions
to leading server, disk array and computer systems
worldwide. Each host adapter carries a powerful
chip built in LSI Logic’s ISO 9001-certified fabri-
cation facilities. Using only the highest quality
components, LSI Logic host adapters are
assembled and tested in world-class facilities to
assure superior product reliability and perform-
ance. Because of stringent quality management
programs, our host adapters carry a three-year
limited warranty.
Copyright ©2005 by LSI Logic Corporation.
All rights reserved.
Order No. S20178
12/05-2M – Printed in USA.
LSISASx28
28-Port 3Gb/s Serial Attached SCSI Expander
A software development kit is available
which provides a baseline SES
solution and can be customized by
the customer for unique solutions.
The same programming model can be
used for the internal processor or an
external SEP for seamless customer
migration.
LSISASx28
IC
LSISASx28
IC
LSISASx28
IC
LSISAS3442X
SAS
Drives
(up to 28)
SAS
Drives
(up to 20)
SAS
Drives
(up to 16)
Figure 1. Scalability Diagram
LSISASx28
IC
LSISASx28
IC
SAS
Drives
(up to 20)
LSISAS3442X
LSISAS3442X
Figure 2. Path Redundancy Application
FEATURES (Continued)
I Internal 8KB ROM can be used for
boot-options
I External interface support
– Flash or SRAM memory
– EEPROM interface for non-volatile
storage of hardware configuration
I External EEPROM not needed if
internal ROM is used for boot options
– Three I2C interfaces
I One I2C interface dedicated to
communication with external SEP
I Two I2C interfaces for connecting
external sensors
– UART support for serial debugging
– Supports JTAG testing
I Individual PHY power management
I 672 FPBGA package, 27 x 27mm,
0.13mm Gflx process technology
I Software Development Kit
– Common programming model for
internal and external processor support
– API with sample code to implement
enclosure management
For more information please visit the LSI Logic web site at:
http://lsilogic.com/storage
http://adapters.lsilogic.com
http://www.lsilogic.com/sas



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com