Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSISASX28 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LSISASX28
Description  28-Port 3Gb/s Serial Attached SCSI Expander
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LSISASX28 Datasheet(HTML) 1 Page - LSI Computer Systems

  LSISASX28 Datasheet HTML 1Page - LSI Computer Systems LSISASX28 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LSISASx28
28-Port 3Gb/s Serial Attached SCSI Expander
http://lsilogic.com/storage
FEATURES
I 28 fully-independent SAS and SATA ports
I SSP, SMP, STP and SATA protocol support
– SSP target and initiator
– SMP target and initiator
– STP target and initiator
I Supports 1.5 and 3Gb/s SAS and SATA
data transfer rates
I Port independent auto-negotiation
I Ports are non-denominational
– Initiator or target connect
I Provides a low latency connection router
with crossbar module to efficiently create
and maintain connections
I Direct, Subtractive decode, and table
routing methodologies supported
I Provides a scalable interface that
supports up to 1024 SAS addresses
I Supports wide and narrow port configurations
– Allows reuse of routing table resources
across all of the PHYs composing a
wide port
– Allows any number of PHYs for wide
port support
I PHY-based zoning for system security
I SATA/SAS HDD spin-up sequencing,
configurable on a per-PHY basis
I SGPIO (SFF-8485) support
I 8 GPIO pins
I 3 LEDs per PHY
– Link status, drive activity
fault LED outputs
– Can be used as GPIOs
I Integrated ARM processor
– SEP functionality
– Drive management
– Extended SAS SMP functions
LSI LOGIC’S SERIAL ATTACHED SCSI (SAS) EXPANDERS
PROVIDE GREATER SCALABILITY, FLEXIBILITY, AND
PERFORMANCE BENEFITS FOR NEXT GENERATION
ENTERPRISE STORAGE PRODUCTS
OVERVIEW
The LSISASx28 is a 28-port 3Gb/s Serial Attached SCSI (SAS) expander with
an Integrated ARM
© processor for Enclosure Management and extended SAS
SMP functions. This device offers enhanced Enclosure Services such as drive
management and supports many options for implementing enclosure man-
agement, including a backward compatible interface to an external processor
using existing code or implementing the internal processor using SSP target.
Phy-based zoning is also supported for network storage security applications.
The LSISASx28 expander is compliant with the ANSI Serial Attached SCSI
specification and supports SATA as defined in the Serial ATA: High Speed
Serialized AT Attachment and the Serial ATA II: Port Selector Specification.
SAS benefits include improved performance, simplified cabling, smaller
connectors, a lower pin count, and lower power requirements. In addition,
SAS leverages an electrical and physical connection interface that is compatible
with SATA technology. The interface compatibility allows for customer flexibility
in drive connection including the 2.5” hard disk drive small form factor.
The LSI Logic 28-port expander provides large storage environments the ability
to connect multiple targets and initiators through a switched device for
scalability and fault-tolerant path-redundancy to improve system reliability.
This is ideal for today’s data center and storage subsystems, leveraging
existing SCSI infrastructure for investment protection and ease of migration
and implementation.


Similar Part No. - LSISASX28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSISAS1068E ETC2-LSISAS1068E Datasheet
606Kb / 2P
8-Port PCI Express to 3Gb/s SAS Controller
More results

Similar Description - LSISASX28

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84326 ICST-ICS84326 Datasheet
171Kb / 15P
CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
REV. A MARCH 10, 2003
logo
List of Unclassifed Man...
LSI53C141 ETC2-LSI53C141 Datasheet
243Kb / 4P
SCSI LVD BUS EXPANDER
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
Serial Attached SCSI Connectors
logo
3M Electronics
8M26 3M-8M26 Datasheet
907Kb / 7P
3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
8N36 3M-8N36 Datasheet
324Kb / 6P
3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com