Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3992AMLZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 7 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
ADCA3992
Rev. 0 | Page 7 of 9
THEORY OF OPERATION
The ADCA3992 is a 75 Ω input and output matched module
designed for CATV applications. The ADCA3992 uses cascode
field effect transistor (FET) feedback amplifiers in a Class A
push pull configuration. The bottom half of the cascode stages
are implemented in a single-die linear FET process that
minimizes parasitics, thereby enabling higher gain. The top
devices in the cascodes are implemented using a linear GaN
process that is able to swing very high RF voltages. The
frequency of operation is from 45 MHz to 1218 MHz.
Internally, the ADCA3992 module uses a balun to convert the
input signal to a balanced signal that feeds the active stages. An
output impedance transformer and balun combination converts
the balanced GaN signals into an unbalanced 75 Ω output. The
output transformer also feeds the dc to the active stages and
cancels second-order distortion products coming from the
active devices.
The module has a control pin (IADJ) to set the dc current
consumption from low bias to the full bias of the device by
connecting a resistor from this pin to ground or by using a
positive voltage.
75Ω
75Ω
BIAS
CONTROL
Figure 9. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com