Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3992AMLZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 8 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADCA3992
Data Sheet
Rev. 0 | Page 8 of 9
APPLICATIONS INFORMATION
Basic connections for operating the ADCA3992 are shown in
Figure 11. Both the input pin (Pin 1) and the output pin (Pin 9)
of the ADCA3992 are matched to 75 Ω. Pin 5 is the VCC pin,
which requires 34 V for typical operation, and can support as
low as 24 V for lower power operation. It is recommended to
leave the IADJ pin (Pin 4) open for full bias operation. For bias
control on the ADCA3992 supply current, apply an external
control voltage between 0 V and 1 V at the IADJ pin. Figure 10
illustrates the ADCA3992 supply current over control voltages
at the IADJ pin.
550
250
300
350
400
450
500
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IADJ (V)
Figure 10. Supply Current vs. IADJ
OUTPUT
75Ω LINE
ADCA3992
9
1
INPUT
8
7
GND
3
2
GND
4
IADJ
BIAS
+34V TYPICAL OR +24V
NO CONNECT FOR FULL BIAS
0V TO 1V FOR ADJUSTABLE BIAS
5
VCC
75Ω LINE
Figure 11. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com