Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADL8150ACHIP
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL8150ACHIP Datasheet HTML 6Page - Analog Devices ADL8150ACHIP Datasheet HTML 7Page - Analog Devices ADL8150ACHIP Datasheet HTML 8Page - Analog Devices ADL8150ACHIP Datasheet HTML 9Page - Analog Devices ADL8150ACHIP Datasheet HTML 10Page - Analog Devices ADL8150ACHIP Datasheet HTML 11Page - Analog Devices ADL8150ACHIP Datasheet HTML 12Page - Analog Devices ADL8150ACHIP Datasheet HTML 13Page - Analog Devices ADL8150ACHIP Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADL8150ACHIP
Rev. 0 | Page 13 of 14
APPLICATIONS INFORMATION
BIASING PROCEDURES
The ADL8150ACHIP is a self biased GaAs, MMIC, HBT, low
phase noise amplifier. Figure 34 shows the typical application
circuit. Adhere to the following bias sequence during power-up:
1. Connect the VCC power supply.
2. Set the VCC supply to 5 V on a bias tee on the RFOUT/VCC
pin (see Figure 34).
3. Apply the RF input signal.
Adhere to the following bias sequence during power-down:
1. Turn off the RF input signal.
2. Set the VCC supply to 0 V.
Handling Precautions
To avoid permanent damage to the die, follow these storage,
cleanliness, static sensitivity, transient, and general handling
precautions:
•
Place all bare die in either waffle-based or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
•
Handle the chips in a clean environment. Do not attempt
to clean the chip using liquid cleaning systems.
•
Follow ESD precautions to protect against ESD strikes.
•
When the bias is applied, suppress instrument and bias
supply transients. Use a shielded signal and bias cables to
minimize inductive pickup.
•
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The chip surface has fragile
air bridges and must not be touched with a vacuum collet,
tweezers, or fingers.
Mounting
Before the epoxy die is attached to the ADL8150ACHIP, apply
a minimum amount of epoxy (must order separately) to the
mounting surface so that a thin epoxy fillet is observed around
the perimeter of the chip after it is placed into position. Cure
the epoxy per the schedule of the manufacturer.
Wire Bonding
RF bonds made with 3 mil × 0.5 mil gold ribbon are
recommended to be used with the RF ports. These bonds must
be thermosonically bonded with a force between 40 g and 60 g.
DC bonds of 0.025 mm (1 mil) in diameter, thermosonically
bonded, are recommended for bond wire connections. Create
ball bonds with a force between 40 g and 50 g, and wedge bonds
with a force between 18 g and 22 g. Create all bonds with a
nominal stage temperature of 150°C. Apply a minimum
amount of ultrasonic energy to achieve reliable bonds. Keep all
bonds as short as possible, less than 0.31 mm (12 mil).
ASSEMBLY AND TYPICAL APPLICATION CIRCUIT
DIAGRAMS
Figure 35 shows the assembly diagram, and Figure 34 shows the
typical application circuit diagram.
RFOUT/VCC
RFIN
2
1
VCC
Figure 34. Typical Application Circuit
50Ω TRANSMISSION LINE
1MIL GOLD WIRES
RFIN
3MIL NOMINAL GAP
RFOUT/VCC
Figure 35. Assembly Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com