Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACHIP Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8150ACHIP
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACHIP Datasheet(HTML) 2 Page - Analog Devices

  ADL8150ACHIP Datasheet HTML 1Page - Analog Devices ADL8150ACHIP Datasheet HTML 2Page - Analog Devices ADL8150ACHIP Datasheet HTML 3Page - Analog Devices ADL8150ACHIP Datasheet HTML 4Page - Analog Devices ADL8150ACHIP Datasheet HTML 5Page - Analog Devices ADL8150ACHIP Datasheet HTML 6Page - Analog Devices ADL8150ACHIP Datasheet HTML 7Page - Analog Devices ADL8150ACHIP Datasheet HTML 8Page - Analog Devices ADL8150ACHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADL8150ACHIP
Data Sheet
Rev. 0 | Page 2 of 14
TABLE OF CONTENTS
Features............................................................................................. 1
Applications..................................................................................... 1
Functional Block Diagram ............................................................. 1
General Description........................................................................ 1
Revision History.............................................................................. 2
Specifications ................................................................................... 3
Frequency Range: 6 GHz to 7 GHz........................................... 3
Frequency Range: 7 GHz to 11 GHz......................................... 3
Frequency Range: 11 GHz to 14 GHz....................................... 4
Absolute Maximum Ratings .......................................................... 5
Thermal Resistance..................................................................... 5
Electrostatic Discharge (ESD) Ratings...................................... 5
ESD Caution.................................................................................5
Pin Configuration and Function Descriptions ............................6
Interface Schematics....................................................................6
Typical Performance Characteristics ............................................7
Theory of Operation .....................................................................12
Applications Information.............................................................13
Biasing Procedures....................................................................13
Assembly and Typical Application Circuit Diagrams...........13
Outline Dimensions ......................................................................14
Ordering Guide..........................................................................14
REVISION HISTORY
7/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com