Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1082CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1082CHIP
Description  5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1082CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1082CHIP Datasheet HTML 7Page - Analog Devices HMC1082CHIP Datasheet HTML 8Page - Analog Devices HMC1082CHIP Datasheet HTML 9Page - Analog Devices HMC1082CHIP Datasheet HTML 10Page - Analog Devices HMC1082CHIP Datasheet HTML 11Page - Analog Devices HMC1082CHIP Datasheet HTML 12Page - Analog Devices HMC1082CHIP Datasheet HTML 13Page - Analog Devices HMC1082CHIP Datasheet HTML 14Page - Analog Devices HMC1082CHIP Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
HMC1082CHIP
Rev. B | Page 13 of 15
APPLICATIONS INFORMATION
The HMC1082CHIP is a GaAs, pHEMT, MMIC medium
power amplifier. Capacitive bypassing is required for all VGG
and VDDx pads.
All measurements for this device were taken using the
application circuit (see Figure 38) and were configured as
shown in the assembly diagram (see Figure 39).
RECOMMENDED BIAS SEQUENCING
The recommended bias sequence during power-up is as
follows:
1. Connect GND to RF and dc ground.
2. Set the gate bias voltage, VGG to –2.0 V.
3. Set all the drain bias voltages, VDDx, to 5 V.
4. Increase the gate bias voltage to achieve a quiescent
current, and set IDQ = 220 mA.
5. Apply the RF signal.
The recommended bias sequence during power-down is as
follows:
1. Turn off the RF signal.
2. Decrease the primary gate bias voltage, VGG, to −2.0 V to
achieve IDQ = 0 mA (approximately).
3. Decrease all drain bias voltages to 0 V.
4. Increase the gate bias voltage to 0 V.
Simplified bias pad connections to dedicated gain stages and
dependence and independence among pads are shown in
Figure 35.
The VDD = 5 V and IDQ = 220 mA bias conditions are recom-
mended to optimize overall performance. Unless otherwise
noted, the data shown was taken using the recommended bias
conditions. Operation of the HMC1082CHIP at different bias
conditions may provide performance that differs from what is
shown in the Typical Performance Characteristics section with
nominal (VDD = 5 V and IDQ = 220 mA) conditions.
MOUNTING AND BONDING TECHNIQUES FOR
MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane eutectically or with
conductive epoxy (see the Handling Precautions section).
To bring the radio frequency to and from the chip,
implementing 50 Ω transmission lines using a microstrip or
coplanar waveguide on 0.127 mm (5 mil) thick alumina, thin film
substrates is recommended (see Figure 36). When using
0.254 mm (10 mil) thick alumina, it is recommended that the die
be raised to ensure that the die and substrate surfaces are coplanar.
Raise the die 0.150 mm (6 mil) to ensure that the surface of the die
is coplanar with the surface of the substrate. To accomplish this,
attach the 0.102 mm (4 mil) thick die to a 0.150 mm (6 mil) thick,
molybdenum (Mo) heat spreader (moly tab), which can then be
attached to the ground plane (see Figure 36 and Figure 37).
RF GROUND PLANE
0.102mm (0.004") THICK GaAs MMIC
WIRE BOND
0.127mm (0.005") THICK ALUMINA
THIN FILM SUBSTRATE
0.076mm
(0.003")
Figure 36. Die Without the Moly Tab
RF GROUND PLANE
0.102mm (0.004") THICK GaAs MMIC
WIRE BOND
0.254mm (0.010") THICK ALUMINA
THIN FILM SUBSTRATE
0.150mm
(0.006") THICK
MOLY TAB
0.076mm
(0.003")
Figure 37. Die With the Moly Tab
Place microstrip substrates as close to the die as possible to
minimize bond wire length. Typical die to substrate spacing is
0.076 mm to 0.152 mm (3 mil to 6 mil).
Handling Precautions
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
•
Place all bare die in either waffle or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
•
Handle the chips in a clean environment. Do not attempt
to clean the chip using liquid cleaning systems.
•
Follow ESD precautions to protect against ESD strikes.
•
While bias is applied, suppress instrument and bias supply
transients. Use shielded signal and bias cables to minimize
inductive pickup.
•
Handle the chip along the edges with a vacuum collet or
with a sharp pair of bent tweezers. The surface of the chip
may have fragile air bridges and must not be touched with
a vacuum collet, tweezers, or fingers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com