Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-01-XXXSI-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611-01-XXXSI-R
Description  Programmable Quick Turn Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-01-XXXSI-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611-01-XXXSI-R Datasheet HTML 1Page - PhaseLink Corporation PL611-01-XXXSI-R Datasheet HTML 2Page - PhaseLink Corporation PL611-01-XXXSI-R Datasheet HTML 3Page - PhaseLink Corporation PL611-01-XXXSI-R Datasheet HTML 4Page - PhaseLink Corporation PL611-01-XXXSI-R Datasheet HTML 5Page - PhaseLink Corporation PL611-01-XXXSI-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PL611-01
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 09/27/05 Page 1
FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Up to 3 programmable outputs
• Output frequency up to 200MHz CMOS.
• Accepts Crystal or reference clock inputs
o Fundamental crystal: 10MHz-30MHz
o 3RD overtone crystal: Up to 75MHz
o Reference input: Up to 200MHz
• Accepts <1.0V reference signal input voltage
• One programmable I/O pin can be configured as
Programmable clock, or Frequency Selection input,
or output Enable (OE) or Power Down (PDB) input.
• Single 2.5V or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 8-pin MSOP/SOIC, and 6-pin SOT Green/
RoHS compliant Packages
PIN CONFIGURATION
DESCRIPTION
The PL611-01 is a low-cost general purpose frequency synthesizer and a member of PhaseLink’s Factory
Programmable ‘Quick Turn Clock (QTC)’ family. PhaseLink’s PL611-01 product family offers the versatility of
using a single Crystal or Reference Clock input and producing up to three different system clocks. They can
generate any output frequency up to 200 MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd
overtone crystal of up to 75Mhz, or a Reference clock input of up to 200 MHz. Cascading of the ICs to produce
additional clock frequencies is also supported.
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Selectable
/1,/2,/4,/8
Selectable
/1,/2
Xtal
OSC
XIN/FIN
XOUT
P-counter
(5-bit)
M-counter
(10-bit)
R-counter
(8-bit)
FRef
OE
FSEL
PDB
Programmable Function
FVCO = F Ref. * (2 * M /R)
Fout = FVCO / (2 * P)
CLoad
CLOCK[0:2]
1
2
3
4
5
6
7
8
XIN/FIN
GND
CLK0
CLK1
XOUT
NC
VDD
CLK2,OE,PDB,FSEL
1
2
3
4
5
6
CLK1
GND
XIN/FIN
VDD
XOUT
CLK2,OE,PDB,FSEL
SOP-8
MSOP-8
SOT-6


Similar Part No. - PL611-01-XXXSI-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTC PLL-PL611-05XXXTC Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTC-R PLL-PL611-05XXXTC-R Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTI PLL-PL611-05XXXTI Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTI-R PLL-PL611-05XXXTI-R Datasheet
237Kb / 4P
Programmable Quick Turn Clock
More results

Similar Description - PL611-01-XXXSI-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
logo
PhaseLink Corporation
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
logo
Leshan Radio Company
LR432A LRC-LR432A Datasheet
2Mb / 4P
LINEAR INTEGRATED CIRCUIT Quick Turn-on
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com