Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-07XXXTC-R Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL611-07XXXTC-R
Description  Programmable Quick Turn Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-07XXXTC-R Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL611-07XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PL611-07
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 08/17/05 Page 3
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
At 10MHz, load=15pF
15
mA
Supply Current, Dynamic, with
Loaded Outputs
IDD
At 50MHz, load=15pF
30
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage
VOL
IOL = +4mA
Standard drive
0.4
V
Output High Voltage
VOH
IOH = -4mA
Standard drive
VDD –
0.4
V
Output Current, Standard drive
IOSD
VOL = 0.4V, VOH = 2.4V
10.7
mA
Output Current, High drive
IOHD
VOL = 0.4V, VOH = 2.4V
24
mA
Short-circuit Current
IS
±50
mA
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
10
30
MHz
Crystal Loading Rating
(The IC can be programmed for any value in this range.)
CL (xtal)
5
16*
20
pF
Maximum Sustainable Drive Level
500
µW
Operating Drive Level
100
µW
Crystal Shunt Capacitance
C0
6
pF
Effective Series Resistance, Fundamental, 10-30MHz
ESR
30
Ω
Note: CL = 16pF is used when not specified. A detailed crystal specification document is also available for this part.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com