Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-07XXXTC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611-07XXXTC-R
Description  Programmable Quick Turn Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-07XXXTC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611-07XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611-07XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PL611-07
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 08/17/05 Page 1
FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Up to 2 programmable outputs
• Output frequency up to 75MHz CMOS
• Programmable Output Enable (OE) pin
• Accepts Crystal clock input
PIN CONFIGURATION
o Fundamental crystal: 10MHz-30MHz
o Reference input: Up to 100MHz
• Single 2.5V or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 6-pin SOT Green/RoHS compliant Pkg.
DESCRIPTION
The PL611-07 is a low-cost general purpose
frequency synthesizer and a member of PhaseLink’s
Programmable ‘Quick Turn Clock (QTC)’ family.
PhaseLink’s PL611-07 offers generating two system
clock frequencies of up to 75MHz form a 10-30MHz
fundamental crystal or a Reference clock source.
One clock output can be programmed to operate as
OE or be used as a Reference output. Cascading of
the ICs to produce additional clock frequencies is
also supported.
PIN DESCRIPTION
Name
Pin
#
Type
Description
CLK1
1
O
Programmable Clock Output
GND
2
P
GND connection
XIN/FIN
3
I
Crystal or Reference input
pin
XOUT
4
O
Crystal output pin
CLK2,
OE
5
B
Programmable Clock or
Reference Output, or OE
VDD
6
P
VDD connection
(2.25~3.63V)
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Selectable
/1,/2,/4,/8
Selectable
/1,/2
Xtal
OSC
XIN/FIN
XOUT
P-counter
(5-bit)
M-counter
(10-bit)
R-counter
(8-bit)
FRef
Programmable Function
FVCO = F Ref. * (2 * M /R)
Fout = FVCO / (2 * P)
CLK[1:2]
1
2
3
4
5
6
CLK1
GND
XIN/FIN
VDD
XOUT
CLK2, OE
SOT-23


Similar Part No. - PL611-07XXXTC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMC PLL-PL611-01-XXXMC Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMC-R PLL-PL611-01-XXXMC-R Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMI PLL-PL611-01-XXXMI Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMI-R PLL-PL611-01-XXXMI-R Datasheet
263Kb / 6P
Programmable Quick Turn Clock
More results

Similar Description - PL611-07XXXTC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
logo
Leshan Radio Company
LR432A LRC-LR432A Datasheet
2Mb / 4P
LINEAR INTEGRATED CIRCUIT Quick Turn-on
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com