Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # USBTO232+
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 6 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAX1162 Evaluation System/Evaluation Kit
6
_______________________________________________________________________________________
U3
MAX4430
U1
MAX1162
IN+
AIN
AVDD
DVDD
REF
C8
0.1
µF
C6
4.7
µF
AIN
GND
C7
0.1
µF
VEE
GND
OUT
CS
IN-
VCC
UCVDD
DVDD
TERMINAL
BLOCK
TBO
TBO-2
5
2
C5
0.1
µF
3
10
28
1
1
4
4
VEE
U2
NC7SZ125
OE
VCC
Y
4
3
2
1
5
GND
A
TBO-1
J1-38
J1-35
SCLK
5
6
J1-37
DOUT
7
9
3
FB2
FERRITE
J1
UCVDD
J1-4
J1-7
J1-8
J1-3
J1-2
J1-1
TP1
TEST POINT
TP1-5
TP1-4
TP1-3
TP1-2
TP1-1
AVDD
DVDD
C1
10
µF
VDD
GND
C2
0.1
µF
FB1
FERRITE
C3
0.1
µF
C4
10
µF
AGND AGND DGND
C9
4700pF
R1
200
Ω
1%
Figure 2. MAX1162 EV Kit Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com