Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USBTO232+
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1162 evaluation system (EV system) is a com-
plete 16-bit data-acquisition system consisting of a
MAX1162 evaluation kit (EV kit), Maxim 68HC16MOD-
ULE-DIP microcontroller (µC) module, and USBTO232.
Order the complete EV system (MAX1162EVC16) for
comprehensive evaluation of the MAX1162, using a per-
sonal computer (PC). Order the EV kit (MAX1162EVKIT)
separately if the 68HC16MODULE-DIP module has
already been purchased with a previous Maxim EV sys-
tem or for custom use in other µC-based systems.
This EV kit can also be used to evaluate the MAX1062
14-bit ADC.
To evaluate the MAX1062, request a MAX1062AEUB free
sample when ordering this EV kit.
Features
o Proven PCB Layout
o Convenient On-Board Test Points
o Fully Assembled and Tested
o EV Kit Software Supports Windows® 98/2000/XP
with RS-232/COM Ports
o EV Kit Software Supports Windows 2000/XP with
USB Ports
MAX1162 Evaluation System/Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-2582; Rev 1; 12/06
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
C1, C4
2
10µF ±20%, 16V X5R ceramic
capacitors (1210)
TDK C3225X5R1C106M
C2, C3, C5, C7,
C8
5
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104KT
C6
1
4.7µF ±20%, 16V X5R ceramic
capacitor (1206)
TDK C3216X5R1C475M
C9
1
4700pF ±10%, 50V X7R ceramic
capacitor (0603)
TDK C1603X7R1H472KT
FB1, FB2
2
Surface-mount ferrite beads (0603)
TDK MMZ1608B601C
J1
1
2 x 20 right-angle female connector
R1
1
200
Ω ±1% resistor (0603)
PART
TEMP RANGE
INTERFACE
MAX1162EVKIT
0°C to +70°C
User supplied
MAX1162EVC16
0°C to +70°C
Windows software
MAX1162EVC16 System
PART
QTY
DESCRIPTION
MAX1162EVKIT
1
MAX1162 EV kit
68HC16MODULE-DIP
1
68HC16 µC module
USBTO232+
1
USB-to-COM port adapter
board
MAX1162 EV Kit Files
PROGRAM
FUNCTIONS
INSTALL.EXE
Installs the EV kit files on your
computer
MAX1162.EXE
Application program
KIT1162.C16
Software loaded into 68HC16
microcontroller
Windows is a registered trademark of Microsoft Corp.
Note: The MAX1162 software is designed for use with the com-
plete EV system. It includes both a µC module and the EV kit. If
the Windows software will not be used, the EV kit board can be
purchased by itself, without the µC module.
DESIGNATION
QTY
DESCRIPTION
TB0
1
2-circuit terminal block
TP1
1
5-pin header
U1
1
16-bit ADC (10-pin µMAX)
MAX1162BCUB
U2
1
Logic buffer (5-pin SOT23)
Fairchild Semiconductor NC7SZ125
U3
1
Op amp (5-pin SOT23)
MAX4430EUK
—
1
MAX1162 EV kit data sheet
(includes 68HC16MODULE-DIP
manual)
—
1
PCB: MAX1162EVKIT
—
1
3.5in software disk,
MAX1162 evaluation kit
—
1
MAX1162 data sheet


Similar Part No. - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USBTO232+ MAXIM-USBTO232+ Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
USBTO232+ MAXIM-USBTO232+ Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
More results

Similar Description - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
MAX9060EVKIT MAXIM-MAX9060EVKIT Datasheet
205Kb / 7P
Fully Assembled and Tested
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com