Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX607
Description  Tiny Surface-Mount Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX607 Datasheet HTML 1Page - Maxim Integrated Products MAX607 Datasheet HTML 2Page - Maxim Integrated Products MAX607 Datasheet HTML 3Page - Maxim Integrated Products MAX607 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
_________________________ Quick Start
The MAX606 EV kit is fully assembled and tested.
Follow these steps to verify board operation. Do not
turn on the power supply until all connections are
completed.
1) Connect a +3V to +5V power supply to the pad
marked VIN. The ground connects to the GND pad.
2) Connect a voltmeter and load (if any) to the VOUT
pad.
3) Make sure that JU1 is shunted.
4) Turn on the power and verify that the output voltage
is +5V.
5) Refer to the
Other Output Voltages section to modify
the board for different output voltages.
Evaluating the MAX607
To evaluate the MAX607, turn off the power to the EV
kit. Replace L1 with a 10µH inductor and replace the
MAX606 with a MAX607EUA. No other hardware
changes are necessary. A good candidate for a 10µH
inductor is a Sumida CLS62-100, which fits the same
footprint as the CLS62B-5R0. Note that the CLS62-100
has a maximum current rating of 700mA, rather than 1A
for the CLS62B-5R0.
________________ General Description
The MAX606 evaluation kit (EV kit) provides a regulated
+5V output voltage at up to 200mA while operating
from a +3V to +5V input voltage. The MAX606 operates
at frequencies up to 1MHz, allowing the use of small
external components.
The MAX606 EV kit is a fully assembled and tested, sur-
face-mount printed circuit board. It comes with the out-
put voltage set to +5V, but can also be used to evalu-
ate other output voltages between VIN and +12.5V.
The MAX606 EV kit can also be used to evaluate the
MAX607, which operates at 500kHz. Simply order a free
sample of the MAX607EUA along with the MAX606 EV kit.
____________________________Features
o +5V, +12V, or Adjustable Voltage
o Tiny Surface-Mount Design
o 200mA Output Current
o +3V to +5V Input Voltage Range
o 1µA IC Shutdown Current
o Up to 1MHz Switching Frequency
o Fully Assembled and Tested Surface-Mount
Board
MAX606 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-0459; Rev 1; 1/99
QTY
DESCRIPTION
C1
1
C2
1
C4
1
0.01µF ceramic capacitor
C5
1
C6*
1
22µF, 16V tantalum capacitor
L1
1
D1
1
R1
1
JU1
1
2-pin header
None
1
Shunt
U1
1
MAX606EUA (8-pin µMAX)
None
1
MAX606 PC board
C3, R2, R3
0
Not installed
0.1µF ceramic capacitor
4.7µF, 16V ceramic capacitor
Taiyo Yuden EMK316BJ475ML-T
2.2µF, 10V ceramic capacitor
Taiyo Yuden LMK212BJ225MG-T
SUPPLIER
PHONE
FAX
Sumida
847-956-0666
847-956-0702
______________ Component Suppliers
DESIGNATION
5µH, 1A inductor
Sumida CLS62B-5R0
Schottky diode
Zetex ZHCS1000
1M
Ω, 5% resistor
_________________
___Component List
_______________Ordering Information
Taiyo Yuden
408-573-4150
408-573-4159
Zetex
516-543-7100
516-864-7630
PART
MAX606EVKIT
0°C to +70°C
TEMP. RANGE
IC PACKAGE
8 µMAX
*
This capacitor is used to reduce ringing caused by lead induc-
tance of the external power supplies. It is typically not needed in
the production circuit (refer to the MAX606 data sheet for more
information).
Note: Please indicate that you are using the MAX606 when con-
tacting the above component suppliers.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX607 MAXIM-MAX607 Datasheet
213Kb / 12P
Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Rev 1; 1/99
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Voltage References
2020
MAX6070AAUT12 MAXIM-MAX6070AAUT12 Datasheet
2Mb / 24P
Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
More results

Similar Description - MAX607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Central Semiconductor C...
CTLSH5-40M833 CENTRAL-CTLSH5-40M833 Datasheet
199Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER TINY LEADLESS MODULETM
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
Miniature surface mount design
logo
List of Unclassifed Man...
TL36WS84065 ETC1-TL36WS84065 Datasheet
276Kb / 2P
Surface mount tiny washable toggle switches
logo
Cooper Bussmann, Inc.
UP2B-220 COOPER-UP2B-220 Datasheet
512Kb / 8P
Miniature surface mount design
logo
CTS Corporation
768 CTS-768_16 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
logo
XFMRS Inc.
XF2506OB XFMRS-XF2506OB Datasheet
61Kb / 1P
TRUE SURFACE MOUNT DESIGN
XFSMD1 XFMRS-XFSMD1 Datasheet
65Kb / 2P
True Surface Mount Design
XFWI453630-XXX XFMRS-XFWI453630-XXX Datasheet
83Kb / 2P
Ture Surface Mount Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com