Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX607
Description  Tiny Surface-Mount Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX607 Datasheet HTML 1Page - Maxim Integrated Products MAX607 Datasheet HTML 2Page - Maxim Integrated Products MAX607 Datasheet HTML 3Page - Maxim Integrated Products MAX607 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
_______________Detailed Description
Jumper Selection
The 2-pin header JU1 selects the shutdown mode for
the MAX606 and JU2 selects the output voltage. Table
1 lists jumper options.
Table 1. Jumper Functions
Other Output Voltages
The MAX606 output voltage is pin-programmable to 5V
and 12V, and also adjustable to voltages between VIN
and 12.5V. The MAX606 EV kit comes with the output
voltage set at 5V through a cuttable trace between JU2
pins 1 and 2. If a 12V output is desired from the
MAX606 circuit, cut the trace between JU2 pins 1 and
2, install a jumper between JU2 pins 2 and 3, and
change C2 to a 1µF ceramic capacitor.
If an adjustable output voltage is desired from the cir-
cuit, cut the trace between JU2 pins 1 and 2 and add
the voltage-divider resistors R2 and R3 located on the
board’s solder side. Choose R2 and R3 as follows:
R2 = R3(VOUT / VREF – 1)
where VREF = 2V. Since the input current at FB is
200nA (max), large values (up to 100k
Ω) can be used
for R3 with no significant loss of accuracy. C3, also pro-
vided on the solder side, is an optional feed-forward
capacitor that can reduce output voltage ripple at light
loads. If this feature is desired, choose a value of C3 in
the 4.7pF to 10pF range.
MAX606 Evaluation Kit
2
_______________________________________________________________________________________
JUMPER
STATE
FUNCTION
Open
SHDN pin connected to GND
through a 1M
Ω resistor.
MAX606 in shutdown mode,
VOUT = VIN - VD.
JU1
Closed*
SHDN pin connected to VIN.
MAX606 enabled, VOUT = 5V.
1–2*
(default trace)
FB pin connected to VIN.
VOUT = 5V.
2–3
FB pin connected to GND.
VOUT = 12V.
JU2
Open
FB pin connected to resistor-
divider R2 and R3, for
adjustable output voltage.
*
Indicates default setting
MAX606
U1
PGND
VIN
C6
22
µF
16V
JU2
JU1
3
2
1
GND
FB
SHDN
IN
LX
OUT
8
1
2
3
4
7
6
5
C4
0.01
µF
C5
0.1
µF
R1
1M
C3
OPEN
R2
OPEN
VOUT
5V
L1
5
µH
C1
2.2
µF
10V
GND
R3
OPEN
C2
4.7
µF
16V
D1
ZHCS1000
SS
GND
Figure 1. MAX606 EV Kit Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com