Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE-DIP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 80C32MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
The MAX110 Control Panel screen displays the current
and average values for the MAX110’s two input chan-
nels, and offers convenient control of the configuration
settings. Pressing TAB selects a switch, and SPACE
BAR manipulates the switch. The “1” and “2” keys
enable and disable polling for inputs 1 and 2, respec-
tively. The input values may be displayed as raw ADC
counts or as real voltages. Data logging can be
enabled if the program is started with the log file com-
mand-line option. Table 6 lists the commands available
in the Control Panel screen.
The MAX110 Shutdown Power Cycling screen allows
evaluation of the shutdown mode. The “D” command
puts the MAX110 into its shutdown state, the “U” com-
mand brings the MAX110 out of shutdown, and the “P”
command makes the program alternate between the
shutdown and active states. Refer to the section
Activating Shutdown Mode.
MAX110 Evaluation System/Evaluation Kit
6
_______________________________________________________________________________________
KEY
FUNCTION
SPACE BAR
Select next serial port
ENTER
Use the selected serial port.
ALT+X
Exit the program.
KEY
FUNCTION
ALT+P
Return to Opening screen to select a different
COM port.
ALT+L
Begin downloading code to 80C32.
ALT+C
Start the Control Panel screen.
ALT+B
Display the baud-rate menu.
ALT+1
Use 1200 baud.
ALT+2
Use 2400 baud.
ALT+4
Use 4800 baud.
ALT+9
Use 9600 baud.
ALT+R
Send the cold-restart command to 80C32.
ALT+X
Exit the program.
KEY
FUNCTION
TAB
Highlight the next switch.
SHIFT+TAB
Highlight the previous switch.
SPACE BAR
Toggle the highlighted switch.
1
Enable or disable polling of input 1.
2
Enable or disable polling of input 2.
C
Display readings as raw ADC counts.
V
Display readings as real voltages.
L
Enable or disable data logging. This command
is available only if the MAX110 program was
started with the -L command-line option.
S
Enter the Shutdown Power Cycling screen.
B
Enter the Bit Manipulation Panel screen.
ALT+X
Exit the program.
Table 6. Control Panel Commands
Table 4. Opening Screen Commands
Table 5. Terminal Screen Commands
Table 3. Command-Line Options
OPTION
FUNCTION
?
Display program version and list of command-
line options.
-V
Specify the reference voltage ("-V2.5" means 2.5
volts).
-A
Specify the size of the rolling average queue
("-A10" means average the last 10 readings).
+O
Allow the bar graph to display overrange values
correctly.
-O
Do not compensate the bar-graph display for
overrange values. Values beyond ±VREF will
display incorrectly due to code aliasing.
1
Default to COM1.
2
Default to COM2.
3
Default to COM3.
4
Default to COM4.
-Lmyfile
Specify log file "myfile" to store control-panel
readings.
CONTINUE
Assume that the RAM resident program is
already loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com