Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE-DIP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 1 Page - Maxim Integrated Products

  80C32MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
_______________General Description
The MAX110 evaluation system (EV system) is a com-
plete, low-cost, two-channel data-acquisition system
consisting of a MAX110 evaluation kit (EV kit) and a
Maxim 80C32 microcontroller (µC) module. IBM PC com-
patible software provides a handy user interface to com-
mand the MAX110’s features. Source code is provided in
both C++ and C. Demonstration software includes rolling
average filter and data logging applications. The
MAX110 EV kit includes 1in2 of prototyping area.
The MAX110 EV kit and EV system evaluate both the
MAX110 and MAX111. To evaluate the MAX111, order
a free sample of the MAX111 along with the MAX110
EV kit.
____________________________Features
♦ Evaluates MAX110 and MAX111
♦ Complete Evaluation System
♦ Convenient Test Points Provided On-Board
♦ Data Logging Software
♦ Source Code Provided
♦ User-Selectable Resolution and Speed
______________Ordering Information
MAX110 Evaluation System/Evaluation Kit
PART
TEMP. RANGE
BOARD TYPE
MAX110EVKIT-DIP
0°C to +70°C
Through-Hole
80C32MODULE-DIP
0°C to +70°C
Through-Hole
MAX110EVC32-DIP
0°C to +70°C
Through-Hole
80C32 MODULE
MAX110EV KIT
___________________________________________________________________EV System
19-3816; Rev 1a; 8/05
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - 80C32MODULE-DIP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
80C32MODULE-DIP MAXIM-80C32MODULE-DIP Datasheet
627Kb / 18P
Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
More results

Similar Description - 80C32MODULE-DIP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX1132EVC16 MAXIM-MAX1132EVC16 Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1110EVKIT-DIP MAXIM-MAX1110EVKIT-DIP Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX197EVKIT MAXIM-MAX197EVKIT Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1450EVKIT MAXIM-MAX1450EVKIT Datasheet
110Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 1/00
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com