Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL680-37QCL-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL680-37QCL-R
Description  38-640MHz Low Phase Noise XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL680-37QCL-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL680-37QCL-R Datasheet HTML 1Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 2Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 3Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 4Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 5Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 6Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 7Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 8Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 5
4. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
106.25MHz
0.4
0.5
156.25MHz
0.4
0.5
212.5MHz
0.4
0.5
312.5MHz
0.4
0.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
622.08MHz
0.4
0.5
ps
106.25MHz
3
5
156.25MHz
3
5
212.5MHz
3
5
312.5MHz
3
5
Period jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
6
8
ps
106.25MHz
20
30
156.25MHz
20
30
212.5MHz
20
30
312.5MHz
20
30
Period jitter Peak-to-
Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
40
50
ps
5. Phase Noise Specifications
PARAMETERS
FREQ.
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
@1M
@10M
UNITS
106.25MHz
-66
-96
-122
-132
-126
-144
-150
156.25MHz
-62
-92
-120
-132
-128
-140
-150
212.5MHz
-62
-92
-118
-126
-120
-140
-150
312.5MHz
-59
-85
-117
-128
-125
-139
-148
Phase Noise
relative to carrier
(typical)
622.08MHz
-49
-84
-111
-120
-118
-128
-138
dBc/Hz
6. CMOS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
0.7
ns
Output Clock Rise/Fall Time
20%-80% with 50Ω Load
0.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com