Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL680-37QCL-R Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL680-37QCL-R
Description  38-640MHz Low Phase Noise XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL680-37QCL-R Datasheet(HTML) 7 Page - PhaseLink Corporation

Back Button PL680-37QCL-R Datasheet HTML 2Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 3Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 4Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 5Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 6Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 7Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 8Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 9Page - PhaseLink Corporation PL680-37QCL-R Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 7
10. PECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Output High Voltage
VOH
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
Ω to (VDD – 2V)
(see figure)
VDD – 1.620
V
11. PECL Switching Characteristics
PARAMETERS
SYMBOL
FREQ.
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Clock Rise & Fall Times
<150MHz
0.2
0.5
0.7
Clock Rise & Fall Times
>150MHz
<320MHz
0.2
0.4
0.55
Clock Rise & Fall Times
tr &tf
0.2
0.3
0.45
ns
OUT
OUT
50
Ω
50
Ω
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
t
R
t
F
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
t
SKEW
PECL Output Skew
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com